Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3817A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3817A
Description  BiMOS POWER FACTOR PREREGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3817A Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC3817A Datasheet HTML 3Page - Texas Instruments UCC3817A Datasheet HTML 4Page - Texas Instruments UCC3817A Datasheet HTML 5Page - Texas Instruments UCC3817A Datasheet HTML 6Page - Texas Instruments UCC3817A Datasheet HTML 7Page - Texas Instruments UCC3817A Datasheet HTML 8Page - Texas Instruments UCC3817A Datasheet HTML 9Page - Texas Instruments UCC3817A Datasheet HTML 10Page - Texas Instruments UCC3817A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
UCC2817A, UCC2818A
UCC3817A, UCC3818A
SLUS577C − SEPTEMBER, 2003 − REVISED MARCH 2009
7
www.ti.com
Pin Descriptions (cont.)
IAC: This input to the analog multiplier is a current proportional to instantaneous line voltage. The multiplier
is tailored for very low distortion from this current input (IIAC) to multiplier output. The recommended maximum
IIAC is 500 µA.
MOUT: The output of the analog multiplier and the inverting input of the current amplifier are connected together
at MOUT. As the multiplier output is a current, this is a high-impedance input so the amplifier can be configured
as a differential amplifier. This configuration improves noise immunity and allows for the leading-edge
modulation operation. The multiplier output current is limited to 2
I
IAC . The multiplier output current is given
by the equation:
I
MOUT +
I
IAC
(V
VAOUT * 1)
V
VFF
2
K
where K
+ 1
V
is the multiplier gain constant.
OVP/EN: A window comparator input that disables the output driver if the boost output voltage is a programmed
level above the nominal or disables both the PFC output driver and resets SS if pulled below 1.9 V (typ).
PKLMT: The threshold for peak limit is 0 V. Use a resistor divider from the negative side of the current sense
resistor to VREF to level shift this signal to a voltage level defined by the value of the sense resistor and the
peak current limit. Peak current limit is reached when PKLMT voltage falls below 0 V.
RT: A resistor from RT to GND is used to program oscillator charging current. A resistor between 10 k
Ω and
100 k
Ω is recommended. Nominal voltage on this pin is 3 V.
SS: VSS is discharged for VVCC low conditions. When enabled, SS charges an external capacitor with a current
source. This voltage is used as the voltage error signal during start-up, enabling the PWM duty cycle to increase
slowly. In the event of a VVCC dropout, the OVP/EN is forced below 1.9 V (typ), SS quickly discharges to disable
the PWM.
Note: In an open-loop test circuit, grounding the SS pin does not ensure 0% duty cycle. Please see the
application section for details.
VAOUT: This is the output of the operational amplifier that regulates output voltage. The voltage amplifier output
is internally limited to approximately 5.5 V to prevent overshoot.
VCC: Connect to a stable source of at least 20 mA between 10 V and 17 V for normal operation. Bypass VCC
directly to GND to absorb supply current spikes required to charge external MOSFET gate capacitances. To
prevent inadequate gate drive signals, the output devices are inhibited unless VVCC exceeds the upper
under-voltage lockout voltage threshold and remains above the lower threshold.
VFF: The RMS voltage signal generated at this pin by mirroring 1/2 of the IIAC into a single pole external filter.
At low line, the VFF voltage should be 1.4 V.
VSENSE: This is normally connected to a compensation network and to the boost converter output through a
divider network.
VREF: VREF is the output of an accurate 7.5-V voltage reference. This output is capable of delivering 20 mA
to peripheral circuitry and is internally short-circuit current limited. VREF is disabled and remains at 0 V when
VVCC is below the UVLO threshold. Bypass VREF to GND with a 0.1-µF or larger ceramic capacitor for best
stability. Please refer to Figures 8 and 9 for VREF line and load regulation characteristics.


Similar Part No. - UCC3817A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3817A TI-UCC3817A Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3817AD TI-UCC3817AD Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3817ADG4 TI-UCC3817ADG4 Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3817ADR TI-UCC3817ADR Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3817ADRG4 TI-UCC3817ADRG4 Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3817A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com