Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3880-4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3880-4
Description  Pentium Pro Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3880-4 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3880-4 Datasheet HTML 1Page - Texas Instruments UCC3880-4 Datasheet HTML 2Page - Texas Instruments UCC3880-4 Datasheet HTML 3Page - Texas Instruments UCC3880-4 Datasheet HTML 4Page - Texas Instruments UCC3880-4 Datasheet HTML 5Page - Texas Instruments UCC3880-4 Datasheet HTML 6Page - Texas Instruments UCC3880-4 Datasheet HTML 7Page - Texas Instruments UCC3880-4 Datasheet HTML 8Page - Texas Instruments UCC3880-4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
10/96
BLOCK DIAGRAM
Combined DAC/Voltage
Monitor and PWM Functions
4-Bit Digital-to-Analog
Converter (DAC)
1.0% DAC/Reference
Low Offset X20 Current Sense
Amplifier
100kHz, 200kHz, 400kHz
Oscillator Frequency Options
Foldback Current Limiting
Overvoltage and Undervoltage
Fault Windows
Undervoltage Lockout
2
Ω Totem Pole Output
Chip Disable Function
Pentium® Pro Controller
FEATURES
DESCRIPTION
UDG-96106-1
UCC2880-4/-5/-6
UCC3880-4/-5/-6
PRELIMINARY
The UCC3880-4/-5/-6 combines high precision reference and voltage monitor-
ing circuitry with average current mode PWM controller circuitry to power Intel
Pentium Pro and other high-end microprocessors with a minimum of external
components. The UCC3880-x converts 5VDC to an adjustable output, ranging
from 2.0VDC to 3.5VDC in 100mV steps with 1% DC system accuracy.
The chip includes a precision 5V reference which is capable of sourcing cur-
rent to an external load. The output voltage of the DAC is derived from this
reference, and is programmed directly by Intel’s VID pins (Table 1).
The accuracy of the DAC/reference combination is 1.0%. The overvoltage and
undervoltage comparators monitor the system output voltage and indicate
when it rises above or falls below its programmed value by more than 7.5%. A
second overvoltage protection comparator pulls the current amplifier output
voltage low to force zero duty cycle when the system output voltage exceeds
its designed value by more than 15%. This comparator also terminates the cy-
cle. Undervoltage lockout circuitry assures the correct logic states at the out-
puts during powerup and powerdown. Grounding the ENABLE pin forces the
GATE output low.
(continued)


Similar Part No. - UCC3880-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3880-4 TI-UCC3880-4 Datasheet
337Kb / 8P
[Old version datasheet]   Pentium Pro Controller
More results

Similar Description - UCC3880-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2880 TI-UCC2880 Datasheet
337Kb / 8P
[Old version datasheet]   Pentium Pro Controller
logo
Pericom Semiconductor C...
PI6C106 PERICOM-PI6C106 Datasheet
370Kb / 8P
   Pentium/Pro System Clock Chip
logo
Integrated Circuit Syst...
ICS9150-01 ICST-ICS9150-01 Datasheet
329Kb / 14P
   Pentium Pro??and SDRAM Frequency Generator
ICS9248-55 ICST-ICS9248-55 Datasheet
271Kb / 10P
   Pentium/Pro/IITM System Clock Chip
ICS9150-02 ICST-ICS9150-02 Datasheet
511Kb / 8P
   Pentium Pro and SDRAM Frequency Generator
ICS9150-04 ICST-ICS9150-04 Datasheet
465Kb / 19P
   Pentium Pro??and SDRAM Frequency Generator
logo
Integrated Device Techn...
ICS9150-01 IDT-ICS9150-01 Datasheet
335Kb / 14P
   Pentium Pro??and SDRAM Frequency Generator
logo
Renesas Technology Corp
ICS9248-55 RENESAS-ICS9248-55 Datasheet
275Kb / 10P
   Pentium/Pro/IITM System Clock Chip
12/04/98
logo
Semtech Corporation
MP60-E SEMTECH-MP60-E Datasheet
20Kb / 3P
   PENTIUM PRO PROCESSOR VOLTAGE REGULATOR MODULE
logo
Integrated Device Techn...
ICS9150-04 IDT-ICS9150-04 Datasheet
464Kb / 19P
   Pentium Pro??and SDRAM Frequency Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com