Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2917D Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC2917D
Description  Positive Floating Hot-Swap Power Manager
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2917D Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC2917D Datasheet HTML 7Page - Texas Instruments UCC2917D Datasheet HTML 8Page - Texas Instruments UCC2917D Datasheet HTML 9Page - Texas Instruments UCC2917D Datasheet HTML 10Page - Texas Instruments UCC2917D Datasheet HTML 11Page - Texas Instruments UCC2917D Datasheet HTML 12Page - Texas Instruments UCC2917D Datasheet HTML 13Page - Texas Instruments UCC2917D Datasheet HTML 14Page - Texas Instruments UCC2917D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
R2
R1
C1
+
VREF
15
14
MAXI
4
VOUT
UDG-00017
R3
Q1
R2
R1
C1
+
VREF
15
14
MAXI
4
VOUT
Q1
UDG-11278
(
)
æ
ö
-
= ç
÷
ç
÷
è
ø
IN
DD
DD
V
10 V
R
I
(
)
æ
ö
-
= ç
÷
ç
÷
è
ø
IN
SS
DD
V
5 V
R
I
=
SENSE
FAULT
50 mV
R
I
UCC2917
UCC3917
www.ti.com
SLUS203D – FEBRUARY 2000 – REVISED MAY 2013
SELECTING OTHER EXTERNAL COMPONENTS
Other external components are necessary for correct operation of the device. Referring to Figure 13, resistors
RSENSE, RSS, RDD, R17, R18, and R19 and Equation 15 theough Equation 17 apply:
(15)
(16)
(17)
(R17 + R18 + R19) > 20 k
Ω (current limit out of VREF)
Use a value of 0.1 µF for the external charge pump capacitors.
SOFT-START OPERATION
The soft-start circuits in Figure 4, and Figure 5 gradually ramp up the load current on power-up, retry, or if the
SHTDWN pin is pulled high. Control circuitry (not shown) turns on Q1 to discharge C1 when FLTOUT or
SHTDWN are low (i.e., external power MOSFET is off) so the load current always ramps from zero. The circuit in
Figure 4 uses an inexpensive bipolar transistor for Q1 so the component cost is lower than the circuit in Figure 5.
Figure 4. Soft-Start Circuit Using A Higher-Cost Bi-
Figure 5. Soft-Start Circuit Using A Lower-Cost
Polar Transistor
MOSFET
Soft-start operation minimizes the voltage disturbance on the power bus when a circuit card is inserted into a live
back plane. This disturbance could reset a system, which is not desirable when high availability is required. A
server is an example of a high availability system.
Soft-start operation is initiated with the SHTDWN pin in as shown in Figure 6. The anode of D2 is grounded
when the card is in the back plane. R2 limits the SHTDWN pin current to between 60 µA and 500 µA (i.e., 60 µA
< 0.65 V / R2 < 500 µA).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UCC2917 UCC3917
Obsolete Devices


Similar Part No. - UCC2917D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2917 TI-UCC2917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
More results

Similar Description - UCC2917D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC1921 TI-UCC1921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com