Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3941-3 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC3941-3
Description  1V SYNCHRONOUS BOOST CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3941-3 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC3941-3 Datasheet HTML 4Page - Texas Instruments UCC3941-3 Datasheet HTML 5Page - Texas Instruments UCC3941-3 Datasheet HTML 6Page - Texas Instruments UCC3941-3 Datasheet HTML 7Page - Texas Instruments UCC3941-3 Datasheet HTML 8Page - Texas Instruments UCC3941-3 Datasheet HTML 9Page - Texas Instruments UCC3941-3 Datasheet HTML 10Page - Texas Instruments UCC3941-3 Datasheet HTML 11Page - Texas Instruments UCC3941-3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
UCC2941-3, UCC2941-5, UCC2941-ADJ, UCC3941-3, UCC3941-5, UCC3941-ADJ
1V SYNCHRONOUS BOOST CONVERTER
SLUS242B – JANUARY 1999 – REVISED JUNE 2001
8
www.ti.com
APPLICATION INFORMATION
UDG–96117
Figure 2. Inductor Current and Output Ripple Waveforms
At time t1, the 3.3-V output drops below its lower threshold, and the inductor is charged with an on time
determined by:
t
ON +
12
ms
VIN
For a 1.25-V input, and a 22-
µH inductor, the resulting peak current is approximately 500 mA. At time t2, the
inductor begins to discharge with a minimum off time of 1.7
µs. Under lightly loaded conditions, the amount of
energy delivered in this single pulse satisfies the voltage-control loop, and the converter does not command
any more energy pulses until the output again drops below the lower voltage threshold.
At time t3, the VGD supply has dropped below its lower threshold, but the output voltage is still above its
threshold point. This results in an energy pulse to the gate drive supply at t4. However, while the gate drive is
being serviced, the output voltage has dropped below its lower threshold, so the state machine commands an
energy pulse to the output as soon as the gate drive pulse is completed.
Time t6, represents a transition between light and heavy load. A single energy pulse is not sufficient to force
the output voltage above its upper threshold before the minimum off-time has expired, and a second charge
cycle is commanded. Since the inductor current does not reach zero in this case, the peak current is greater
than 0.5 A at the end of the next charge on time. This results in a ratcheting of the inductor current until either
the output voltage is satisfied, or the converter reaches its programmed current limit. At time t7, the gate drive
voltage has dropped below its threshold but the converter continues to service the output because it has highest
priority, unless VGD drops below 7.5 V.
Between t7 and t8, the converter reaches its peak current limit which is determined by RPL and VIN. Once the
limit is reached, the converter operates in continuous mode with approximately 200 mA of ripple current. At time
t8, the output voltage is satisfied, and the converter can service VGD, which occurs at t9.
(3)


Similar Part No. - UCC3941-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3941-3 ETC1-UCC3941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
More results

Similar Description - UCC3941-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2941-3 ETC1-UCC2941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3945 ETC1-UCC3945 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com