Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2974PW Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC2974PW
Description  DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2974PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC2974PW Datasheet HTML 2Page - Texas Instruments UCC2974PW Datasheet HTML 3Page - Texas Instruments UCC2974PW Datasheet HTML 4Page - Texas Instruments UCC2974PW Datasheet HTML 5Page - Texas Instruments UCC2974PW Datasheet HTML 6Page - Texas Instruments UCC2974PW Datasheet HTML 7Page - Texas Instruments UCC2974PW Datasheet HTML 8Page - Texas Instruments UCC2974PW Datasheet HTML 9Page - Texas Instruments UCC2974PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
UCC2974
UCC3974
SLUS485A – JULY 2001 – REVISED NOVEMBER 2001
6
www.ti.com
APPLICATION INFORMATION
functional block diagram
UDG–01021
3
+
+
+
VIN
OPEN LAMP
DETECTOR
ZERO DETECTOR
VOLTAGE CLAMP
OSCILLATOR
4–BIT
COUNTER
AND LOGIC
SYNC
VDRV
1
S
Q
QR
R DOMINANT
LFD–PWM
UVLO
OPEN LAMP
OE
VINT
5
+
+
EA1
UVLO
SQ
Q
R
SD
OPEN LAMP
OVERFLOW
INTERNAL REGULATOR
VREG UVLO
1.5
1.0
VIN
13
2
VIN
CBP
BUCK1
OUT1
FB1
SAME
AS
OTHER
CHANNEL
MODE SELECT
10
MODE
5
µA
VINT
14 BUCK2
16 OUT2
11 FB2
+
+
1.5
LFD OSCILLATOR
& LOGIC
LFD–PWM
4
COMP1
PRE–CON
6
RT1
7
RT2
9
DIM
8
LFDSYNC
1.0
LFD SECTION
12 COMP2
40 kHz TO 200 kHZ
LFD–EN
general description
The UCC3974 extends the capabilities of the UCC3972 and UCC3973 backlight controllers. The basic
functionality is the same as that for the UCC3972; a buck controlled current source feeding a royer oscillator
CCFL circuit. As such the application information for the UCC3972 that pertains to the royer oscillator, buck
controller and CCFL circuit in general apply to the UCC3974. Also, this device implements a voltage clamping
scheme, similar to that of the UCC3973, using an internal current source to bias up the FB pin and thereby
limiting the current available to the royer stage. This limits the voltage to which the secondary side of the
transformer is exposed.
The extensions this device provides are two separately controlled channels to be used with two separate royer
stages, and integrated low-frequency dimming (LFD) control .


Similar Part No. - UCC2974PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2974 TI-UCC2974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
More results

Similar Description - UCC2974PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Texas Instruments
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Maxim Integrated Produc...
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
   8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
DS3994 MAXIM-DS3994 Datasheet
537Kb / 28P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 10/06
logo
Texas Instruments
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
List of Unclassifed Man...
BF22160-24B ETC1-BF22160-24B Datasheet
121Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com