Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3588 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC3588
Description  5-BIT PROGRAMMABLE OUTPUT BICMOS POWER SUPPLY CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3588 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC3588 Datasheet HTML 3Page - Texas Instruments UCC3588 Datasheet HTML 4Page - Texas Instruments UCC3588 Datasheet HTML 5Page - Texas Instruments UCC3588 Datasheet HTML 6Page - Texas Instruments UCC3588 Datasheet HTML 7Page - Texas Instruments UCC3588 Datasheet HTML 8Page - Texas Instruments UCC3588 Datasheet HTML 9Page - Texas Instruments UCC3588 Datasheet HTML 10Page - Texas Instruments UCC3588 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
UCC3588
5BIT PROGRAMMABLE OUTPUT BiCMOS
POWER SUPPLY CONTROLLER
SLUS311A – JULY 1999 – REVISED AUGUST 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
2) To properly approximate the full load duty cycle operating range, assumptions are made regarding the
MOSFETs’ RDS(on), and the output inductor’s dc resistance. Q1 and Q2 are IRF3103s, each with an RDS(on) of
0.014
Ω. The output inductor is allowed to dissipate one watt under full load, giving a dc resistance of 6.9 mW,
and R6 is 3 m
Ω. The resulting duty cycle at the operating extremes is then:
d
MIN +
V
OUT IO )
I
OUT
R6
) R
DS on )
R
V
IN HI
+
1.8
) (12
0.024)
5.5
+ 0.379
d
MIN +
V
OUT HI )
I
OUT
R6
) R
DS on )
R
V
IN LO
+
3.5
) (12
0.024)
4.5
+ 0.842
3) The value of the output inductor is chosen at the worst case ripple current point.
L
+
V
IN HI *
V
OUT LO
DV
OUT
+
(5.5
* 1.8)
0.379
3.333
m
2.4
+ 1.9 mH
Four turns of #16 on a micrometals T51-52C core has an inductance of 1.9
µH, has a dc resistance of 6.6 mΩ,
and will dissipate about 1 W under full load conditions. With an output inductor value of 1.9
µH, the ripple current
will be 1750 mA under the low-input-high-output condition.
4) To meet the output noise voltage requirement, the output capacitor(s) must be chosen so that the ripple
voltage induced across the ESR of the capacitors by the output ripple current is less than 50 mV.
ESR
t 50 mV
DI
OUT
+ 42 mW
Additionally, to meet output load transient response requirements, the capacitors’ ESL and ESR must be low
enough to avoid excessive voltage transient spikes. (See Application Note U-157 for a discussion of how to
determine the amount and type of load capacitance.) For this example, four Sanyo MV-GX 1500-
µF, 6.3-V
capacitors will be used. The ESR of each capacitor is approximately 44 m
Ω so the parallel combination of four
results in an equivalent ESR of 11 m
Ω.
5) Q1 and Q2 are chosen to be IRF3103 N-Channel MOSFETs. Each MOSFET has an RDS(on) of approximately
0.014
Ω, a gate charge requirement of 50 nC, and a turn-off time of approximately 54 ns.
To calculate the losses in the upper MOSFET, Q1, first calculate the RMS current it will be conducting.
I Q1
RMS +
d I
OUT2
)
DI
OUT2
12
Notice that with a higher output voltage, the duty cycle increases, and therefore so does the RMS current. Any
heat sink design should take into account the worst case power dissipation the device will experience.
(4)
(5)
(6)
(7)
(8)


Similar Part No. - UCC3588

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
More results

Similar Description - UCC3588

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
   5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Texas Instruments
UCC391 TI-UCC391 Datasheet
40Kb / 3P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Precision Voltage Reference
logo
Analog Devices
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
logo
Texas Instruments
UCC3830- TI-UCC3830- Datasheet
419Kb / 10P
[Old version datasheet]   5-Bit Microprocessor Power Supply Controller
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV. 0
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV. A
logo
STMicroelectronics
L6918 STMICROELECTRONICS-L6918 Datasheet
760Kb / 35P
   5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com