Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3913DG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3913DG4
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3913DG4 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3913DG4 Datasheet HTML 1Page - Texas Instruments UCC3913DG4 Datasheet HTML 2Page - Texas Instruments UCC3913DG4 Datasheet HTML 3Page - Texas Instruments UCC3913DG4 Datasheet HTML 4Page - Texas Instruments UCC3913DG4 Datasheet HTML 5Page - Texas Instruments UCC3913DG4 Datasheet HTML 6Page - Texas Instruments UCC3913DG4 Datasheet HTML 7Page - Texas Instruments UCC3913DG4 Datasheet HTML 8Page - Texas Instruments UCC3913DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
1
www.ti.com
FEATURES
D Precision Fault Threshold
D Programmable Average Power Limiting
D Programmable Linear Current Control
D Programmable Overcurrent Limit
D Programmable Fault Time
D Fault Output Indicator
D Shutdown Control
D Undervoltage Lockout
D 8-Pin SOIC
APPLICATIONS
D –48-V Distributed Power Systems
D Central Office Switching
D Wireless Base Stations
DESCRIPTION
The UCCx913 family of negative voltage circuit
breakers provides complete power management,
hot-swap, and fault handling capability. The
device is referenced to the negative input voltage
and is driven through an external resistor
connected to ground, which is essentially a
current drive as opposed to the traditional voltage
drive. The on-board 10-V shunt regulator protects
the device from excess voltage and serves as a
reference
for
programming
the
maximum
allowable output sourcing current during a fault. In
the event of a constant fault, the internal timer
limits the on-time from less than 0.1% to a
maximum of 3%. The duty cycle modulates
depending on the current into the PL pin, which is
a function of the voltage across the FET, and limits
average power dissipation in the FET. The fault
level is fixed at 50 mV across the current-sense
resistor to minimize total dropout. The fault current
level is set with an external current sense resistor.
The maximum allowable sourcing current is
programmed with a voltage divider from VDD to
generate a fixed voltage on the IMAX pin. The
current level, when the output appears as a
current source, is equal to VIMAX/RSENSE. If
desired, a controlled current startup can be
programmed with a capacitor on the IMAX pin.
When the output current is below the fault level,
the output device is switched on. When the output
current exceeds the fault level, but is less than the
maximum sourcing level programmed by the
IMAX pin, the output remains switched on, and the
fault timer starts charging CT. Once CT charges to
2.5 V, the output device is turned off and performs
a retry some time later. When the output current
reaches the maximum sourcing current level, the
output appears as a current source, limiting the
output current to the set value defined by IMAX.
Other features of the UCCx913 family include
undervoltage lockout, and 8-pin small outline
(SOIC) and dual-in-line (DIP) packages.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1999 – 2003, Texas Instruments Incorporated
1
8
7
6
5
–VIN
3
UCC3913
2
4
Power
Limiting
Current
Control
Fault
Protection
and
Timer
DC/DC
Converter
or Load
RVDD
SIMPLIFIED APPLICATION DIAGRAM
RS
R1
R2
RPL
CT
CVDD
M1
UDG–03059


Similar Part No. - UCC3913DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3913D TI-UCC3913D Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3913DTR TI-UCC3913DTR Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
More results

Similar Description - UCC3913DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC1921 TI-UCC1921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3923 TI-UCC3923 Datasheet
148Kb / 10P
[Old version datasheet]   HIGH-VOLTAGE HOT-SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com