Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3913DTR Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3913DTR
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3913DTR Datasheet(HTML) 2 Page - Texas Instruments

  UCC3913DTR Datasheet HTML 1Page - Texas Instruments UCC3913DTR Datasheet HTML 2Page - Texas Instruments UCC3913DTR Datasheet HTML 3Page - Texas Instruments UCC3913DTR Datasheet HTML 4Page - Texas Instruments UCC3913DTR Datasheet HTML 5Page - Texas Instruments UCC3913DTR Datasheet HTML 6Page - Texas Instruments UCC3913DTR Datasheet HTML 7Page - Texas Instruments UCC3913DTR Datasheet HTML 8Page - Texas Instruments UCC3913DTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
2
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGE(1)
PART NUMBER
40
°Cto85°C
PDIP (N)
UCC2913N
–40
°C to 85°C
SOIC (D)
UCC2913D
0
°Cto70°C
PDIP (N)
UCC3913N
–0
°C to 70°C
SOIC (D)
UCC3913D
(1) The N and D packaged are also available taped and reeled.
Add an R suffix to the device type (i.e., UCC2913NR).
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UCC2923
UCC3913
UNIT
Input voltage
IMAX
limited to VDD
V
VDD
50
Input current
SHUTDOWN
10
mA
In ut current
PL
10
mA
Operating junction temperature range, TJ
–55 to 150
Storage temperature, Tstg
–65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is
not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltages are with respect to
VSS (the most negative voltage). All currents are positive into and negative out of the specified terminal.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Input current, IVDD
2
5
20
mA
1
2
3
4
8
7
6
5
SD/FLT
IMAX
VDD
CT
PL
OUT
SENSE
VSS
1
2
3
4
8
7
6
5
SD/FLT
IMAX
VDD
CT
PL
OUT
SENSE
VSS
N PACKAGE
(TOP VIEW)
D PACKAGE
(TOP VIEW)


Similar Part No. - UCC3913DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3913DTR TI-UCC3913DTR Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
More results

Similar Description - UCC3913DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC1921 TI-UCC1921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3923 TI-UCC3923 Datasheet
148Kb / 10P
[Old version datasheet]   HIGH-VOLTAGE HOT-SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com