Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2977PW Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC2977PW
Description  MULTI-TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2977PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC2977PW Datasheet HTML 4Page - Texas Instruments UCC2977PW Datasheet HTML 5Page - Texas Instruments UCC2977PW Datasheet HTML 6Page - Texas Instruments UCC2977PW Datasheet HTML 7Page - Texas Instruments UCC2977PW Datasheet HTML 8Page - Texas Instruments UCC2977PW Datasheet HTML 9Page - Texas Instruments UCC2977PW Datasheet HTML 10Page - Texas Instruments UCC2977PW Datasheet HTML 11Page - Texas Instruments UCC2977PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
UCC2975, UCC2976, UCC2977
UCC3975, UCC3976, UCC3977
SLUS499A – NOVEMBER 2001 – REVISED JANUARY 2002
8
www.ti.com
state diagram
A logic state diagram for the UCC397x family of controllers is shown in Figure 5. During power-up the controller
transitions from UVLO to the momentary startup state. During startup, the COMP pin is preconditioned at
maximum frequency and the OPEN/SD capacitor is discharged before beginning normal operation. In the
normal operating state, the frequency is swept from high to low allowing the lamp to be struck and the current
in the lamp to be regulated.
STARTUP *
OPEN/SD = 0V
COMP = 0V
OSC, OUT active
NORMAL OPERATION
OPEN/SD < 1.5V
COMP < 2.5V
OSC, OUT active
OPEN LAMP *
1.5V < OPEN/SD <2.5V
COMP < 2.5V
OSC, OUT active
NO–LOCK *
COMP > 2.5V
OPEN/SD < 1.5V
OSC, OUT active
COUNT=7?
ERROR
SHUTDOWN
OSC active
OUT off state
UVLO
VDD < 3.0V
OSC inactive
OUT off state
COUNT=0
SHUTDOWN
OPEN/SD > 2.5V
COUNT =0
OSC inactive
OUT off state
Low current VDD,
OPEN/SD
VDD>3.0V
OPEN/SD
< 0.5V
NO
YES
Increment COUNT
OUT off state
UCC3975: OUT1 low, OUT2 low
UCC3976: OUTP high, OUTN high
UCC3977: OUT1 low, OUT2 low
* Momentary states
UDG–01102
Figure 5. State Diagram
The normal operating state can be exited in one of four ways:
bringing V
DD < 3 V
a user commanded shutdown (OPEN/SD > 2.5 V)
an open lamp condition (OPEN/SD > 1.5 V), or
if the device fails to achieve regulation before reaching minimum frequency (EAO > 2.5 V).
The latter two conditions cause an internal retry counter to increment before attempting another startup. If the
application does not operate normally after seven retrys, the controller enters an error induced shutdown state
removing power to the load. The error state and counter can be cleared by removing VDD to the part or by a
user commanded shutdown.


Similar Part No. - UCC2977PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2977PW TI-UCC2977PW Datasheet
433Kb / 28P
[Old version datasheet]   MULTI TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
More results

Similar Description - UCC2977PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2975 TI-UCC2975 Datasheet
433Kb / 28P
[Old version datasheet]   MULTI TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
logo
Linear Technology
LT8709 LINER-LT8709_15 Datasheet
721Kb / 46P
   Negative Input Synchronous Multi-Topology DC/DC Controller
logo
Texas Instruments
TPS43000 TI-TPS43000_15 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
logo
Vishay Siliconix
SI9166 VISHAY-SI9166 Datasheet
217Kb / 8P
   High Frequency Programmable Topology Controller
Rev. B, 05-Apr-99
SI9166 VISHAY-SI9166_V01 Datasheet
179Kb / 11P
   High Frequency Programmable Topology Controller
01-Jan-2022
SI9166 VISHAY-SI9166_04 Datasheet
146Kb / 11P
   High Frequency Programmable Topology Controller
Rev. C, 19-Apr-04
logo
Thinking Electronic Ind...
ZAM161KA001 THINKING-ZAM161KA001 Datasheet
98Kb / 2P
   Piezoelectric Multi-Layer Actuator
logo
Global Mixed-mode Techn...
G2602 GMT-G2602 Datasheet
30Kb / 1P
   High Voltage Multi-Topology LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com