Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3588J Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3588J
Description  5-BIT PROGRAMMABLE OUTPUT BICMOS POWER SUPPLY CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3588J Datasheet(HTML) 2 Page - Texas Instruments

  UCC3588J Datasheet HTML 1Page - Texas Instruments UCC3588J Datasheet HTML 2Page - Texas Instruments UCC3588J Datasheet HTML 3Page - Texas Instruments UCC3588J Datasheet HTML 4Page - Texas Instruments UCC3588J Datasheet HTML 5Page - Texas Instruments UCC3588J Datasheet HTML 6Page - Texas Instruments UCC3588J Datasheet HTML 7Page - Texas Instruments UCC3588J Datasheet HTML 8Page - Texas Instruments UCC3588J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
UCC3588
5BIT PROGRAMMABLE OUTPUT BiCMOS
POWER SUPPLY CONTROLLER
SLUS311A – JULY 1999 – REVISED AUGUST 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
application diagram
4
11
15
5
6
7
8
3
16
12
9
10
1
2
14
13
UCC3588
VCC
DRVHI
PWRGOOD
D0
D1
D2
D3
D4
SS/ENBL
GND
COMP
VFB
VSENSE
ISNS
DRVLO
RT
R2
47 k
C5
33 nF
C16
10
µF
R1
10 k
C4
C3
C2
C1
++
++
RTN
D0
D1
D2
D3
D4
R3
200 k
C6
220 pF
C7 22 pF
R7
15 k
C13
1 nF
R8
20 k
R4
3
R5
3
R6
0.003
C15
150
µF
C12
C11
C10
C8
+
+
RTN
VOUT
L1
1.6
µH
Q2
IRL3103
Q1
IRL3103
D2
D1
12 V IN
5 V IN
C8–C12 1500
µF
++
+
C1–C4
500
µF
+
C14
150
µF
C9
+
UDG-98158
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage VCC
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate drive current, 50% duty cycle
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VSENSE, VFB, SS, COMMAND, COMP
5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, D0, D1, D2, D3, D4
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current, RT, COMP
5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ Currents are positive into, negative out of the specified terminal. Consult Packaging Section of Databook for thermal limitations and
considerations of packages. All voltages are referenced to GND.
thermal data
Plastic DIP package,
thermal resistance junction to leads,
Θjc
45
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
thermal resistance junction to ambient,
Θja
90
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ceramic DIP package,
thermal resistance junction to leads,
Θjc
28
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
thermal resistance junction to ambient,
Θja
120
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Standard surface mount package,
thermal resistance junction to leads,
Θjc
35
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
thermal resistance junction to ambient,
Θja
120
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE The above numbers for
Θja and Θjc are maximums for the limiting thermal resistance of the package in a standard mounting configuration.
The
Θja numbers are meant to be guidelines for the thermal performance of the device and PC board system. All of the above numbers
assume no ambient airflow, see the packaging section of Unitrode Product Data Handbook for more details.


Similar Part No. - UCC3588J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
More results

Similar Description - UCC3588J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
   5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Texas Instruments
UCC391 TI-UCC391 Datasheet
40Kb / 3P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Precision Voltage Reference
logo
Analog Devices
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
logo
Texas Instruments
UCC3830- TI-UCC3830- Datasheet
419Kb / 10P
[Old version datasheet]   5-Bit Microprocessor Power Supply Controller
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV. 0
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV. A
logo
STMicroelectronics
L6918 STMICROELECTRONICS-L6918 Datasheet
760Kb / 35P
   5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com