Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3588PWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC3588PWG4
Description  5-BIT PROGRAMMABLE OUTPUT BICMOS POWER SUPPLY CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3588PWG4 Datasheet(HTML) 4 Page - Texas Instruments

  UCC3588PWG4 Datasheet HTML 1Page - Texas Instruments UCC3588PWG4 Datasheet HTML 2Page - Texas Instruments UCC3588PWG4 Datasheet HTML 3Page - Texas Instruments UCC3588PWG4 Datasheet HTML 4Page - Texas Instruments UCC3588PWG4 Datasheet HTML 5Page - Texas Instruments UCC3588PWG4 Datasheet HTML 6Page - Texas Instruments UCC3588PWG4 Datasheet HTML 7Page - Texas Instruments UCC3588PWG4 Datasheet HTML 8Page - Texas Instruments UCC3588PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
UCC3588
5BIT PROGRAMMABLE OUTPUT BiCMOS
POWER SUPPLY CONTROLLER
SLUS311A – JULY 1999 – REVISED AUGUST 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = 0°C to 70°C. TA = TJ. VCC = 12 V, RT = 49 k, (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DAC / Reference Section
COMMAND voltage accuracy
10.8 V < VCC < 13.2 V,
measured on COMP,
0
°C < TA < 70°C,
See Note 2
–1.0
1.0
%
D0 to D4 voltage high
5.5
6
6.5
V
D0 to D4 voltage threshold
2.5
3.0
3.5
V
D0 to D4 voltage input bias current
V(D4,...,D0) < 0.5 V
–80
–100
mA
Overvoltage Comparator Section
Trip point
% Over VCOMMAND,
See Note 1
8
12
%
Hysteresis
10
20
35
mV
Undervoltage Comparator Section
Trip point
% Under VCOMMAND,
See Note 1
–8.0
–12.0
%
Hysteresis
10
20
35
mV
PWRGOOD Signal Section
Output impedance
VCC = 12 V,
IPWRGOOD = 1 mA
470
W
Overvoltage Protection Section
Trip point
% Over VCOMMAND,
See Note 1
15
17.5
20
%
Hysteresis
20
35
mV
VSENSE input bias current
OV, OVP, UV combined
–8
–12
–16
mA
Gate Drivers (DRVHI, DRVLO) Section
Output high voltage
IGATE = 100 mA,
VCC = 12 V
10.8
11.5
V
Output low voltage
IGATE =–100 mA, VCC = 12 V
0.5
0.8
V
Driver non-overlap time
(DRVHI– to DRVLO+)
See Note 3
90
120
150
ns
Driver non-overlap time
(DRVLO– to DRVHI+)
See Note 3
50
80
120
ns
Driver rise time
3 nF capacitive load
80
100
ns
Driver fall time
3 nF capacitive load
80
100
ns
Current Limit Section
Start of quick charge to shutdown threshold
VISNS = VSENSE + 75 mV, CSS = 10 nF,
See Note 4,
See Note 5
50
ms
Current limit threshold voltage
VTHRESHOLD = VISNS – VVSENSE
40
54
70
mV
ISNS input bias current
–8
–12
–16
mA
NOTES:
6. This percentage is measured with respect to the ideal command voltage programmed by the VID (D0,....,D4) pins and applies to all
DAC codes from 1.3 V to 3.5 V.
7. Reference and error amplifier offset trimmed while the voltage amplifier is set in unity gain mode.
8. Deadtime delay is measured from the 50% point of DRVHI falling to the 50% point of DRVLO rising, and vice-verse.
9. This time is dependent on the value of CSS.
10. Ensured by design. Not 100% production tested.


Similar Part No. - UCC3588PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
More results

Similar Description - UCC3588PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3588 TI-UCC3588 Datasheet
180Kb / 11P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Power Supply Controller
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
   5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Texas Instruments
UCC391 TI-UCC391 Datasheet
40Kb / 3P
[Old version datasheet]   5-Bit Programmable Output BiCMOS Precision Voltage Reference
logo
Analog Devices
ADP3155 AD-ADP3155_15 Datasheet
207Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium
REV. A
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
logo
Texas Instruments
UCC3830- TI-UCC3830- Datasheet
419Kb / 10P
[Old version datasheet]   5-Bit Microprocessor Power Supply Controller
logo
Analog Devices
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV. 0
ADP3155 AD-ADP3155 Datasheet
200Kb / 14P
   5-Bit Programmable Triple Power Supply Controller for Pentium III Processors
ADP3154 AD-ADP3154 Datasheet
187Kb / 12P
   5-Bit Programmable Dual Power Supply Controller for Pentium III Processors
REV. A
logo
STMicroelectronics
L6918 STMICROELECTRONICS-L6918 Datasheet
760Kb / 35P
   5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com