Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2977 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC2977
Description  MULTI-TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2977 Datasheet(HTML) 5 Page - Texas Instruments

  UCC2977 Datasheet HTML 1Page - Texas Instruments UCC2977 Datasheet HTML 2Page - Texas Instruments UCC2977 Datasheet HTML 3Page - Texas Instruments UCC2977 Datasheet HTML 4Page - Texas Instruments UCC2977 Datasheet HTML 5Page - Texas Instruments UCC2977 Datasheet HTML 6Page - Texas Instruments UCC2977 Datasheet HTML 7Page - Texas Instruments UCC2977 Datasheet HTML 8Page - Texas Instruments UCC2977 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
UCC2975, UCC2976, UCC2977
UCC3975, UCC3976, UCC3977
SLUS499A – NOVEMBER 2001 – REVISED JANUARY 2002
5
www.ti.com
electrical characteristics VDD = 3 V to 13.5 V, TA = 0°C to 70°C for UCC3975/UCC3976/UCC3977,
TA = –40°C to 85°C for the UCC2975/UCC2976/UCC2977, TA = TJ (unless otherwise noted)
mode select
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Shutdown threshold voltage
2.45
2.50
2.65
Restart threshold voltage
0.3
0.5
0.7
Open lamp detect enable threshold voltage
UCC2975
UCC2976
UCC2977
1.3
1.5
1.6
V
Open lamp detect enable threshold voltage
UCC3975
UCC3976
UCC3977
1.4
1.5
1.6
V
MODE pull-down current
200
250
300
mA
No lock threshold voltage
2.4
2.5
2.6
V
functional block diagram
The UCC397x family of controllers contain an error amplifier whose output is preconditioned at startup, a
precision window comparator used to form the VCO, and dual MOSFET drivers customized for half-bridge or
push-pull operation. The part includes a frequency lock retry circuit, low current shutdown, and open lamp fault
protection.
UDG–01053
Figure 4
OPEN/SD
+
2.5 V
+
0.5 V
+
1.5 V
SQ
Q
R
SLEEP
PWRUP
SHUT DOWN
RESET
OPEN LAMP
PWRUP
FAULT
INIT
OSC
COMP
FB
+
FAULT
COUNTER
RESET
COUNT
FAULT
SLEEP
NO LOCK
SQ
R
INIT
SLEEP
REF
UVLO
+
2.5 V
0.1 V
+
INIT
ERROR
AMPLIFIER
1.5 V
1.4 V
1.5 V
+
1.7 V
+
0.7 V
SQ
R
1.75 V
DQ
Q
CK
GND
OUTN/OUT2
OUTP/OUT1
VDD
SLEEP


Similar Part No. - UCC2977

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2977 TI-UCC2977 Datasheet
433Kb / 28P
[Old version datasheet]   MULTI TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
UCC2977PW TI-UCC2977PW Datasheet
433Kb / 28P
[Old version datasheet]   MULTI TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
More results

Similar Description - UCC2977

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2975 TI-UCC2975 Datasheet
433Kb / 28P
[Old version datasheet]   MULTI TOPOLOGY PIEZOELECTRIC TRANSFORMER CONTROLLER
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
logo
Linear Technology
LT8709 LINER-LT8709_15 Datasheet
721Kb / 46P
   Negative Input Synchronous Multi-Topology DC/DC Controller
logo
Texas Instruments
TPS43000 TI-TPS43000_15 Datasheet
752Kb / 32P
[Old version datasheet]   MULTI-TOPOLOGY HIGH-FREQUENCY
logo
Vishay Siliconix
SI9166 VISHAY-SI9166 Datasheet
217Kb / 8P
   High Frequency Programmable Topology Controller
Rev. B, 05-Apr-99
SI9166 VISHAY-SI9166_V01 Datasheet
179Kb / 11P
   High Frequency Programmable Topology Controller
01-Jan-2022
SI9166 VISHAY-SI9166_04 Datasheet
146Kb / 11P
   High Frequency Programmable Topology Controller
Rev. C, 19-Apr-04
logo
Thinking Electronic Ind...
ZAM161KA001 THINKING-ZAM161KA001 Datasheet
98Kb / 2P
   Piezoelectric Multi-Layer Actuator
logo
Global Mixed-mode Techn...
G2602 GMT-G2602 Datasheet
30Kb / 1P
   High Voltage Multi-Topology LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com