Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3818ADRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC3818ADRG4
Description  BiMOS POWER FACTOR PREREGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3818ADRG4 Datasheet(HTML) 4 Page - Texas Instruments

  UCC3818ADRG4 Datasheet HTML 1Page - Texas Instruments UCC3818ADRG4 Datasheet HTML 2Page - Texas Instruments UCC3818ADRG4 Datasheet HTML 3Page - Texas Instruments UCC3818ADRG4 Datasheet HTML 4Page - Texas Instruments UCC3818ADRG4 Datasheet HTML 5Page - Texas Instruments UCC3818ADRG4 Datasheet HTML 6Page - Texas Instruments UCC3818ADRG4 Datasheet HTML 7Page - Texas Instruments UCC3818ADRG4 Datasheet HTML 8Page - Texas Instruments UCC3818ADRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
UCC2817A, UCC2818A
UCC3817A, UCC3818A
SLUS577C − SEPTEMBER, 2003 − REVISED MARCH 2009
4
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = 0°C to 70°C for the UCC3817A and TA = −40°C to 85°C for the UCC2817A, TA = TJ, VCC = 12 V, RT = 22 kΩ,
CT = 270 pF, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Over Voltage Protection and Enable Section
Over voltage reference
VREF
+0.48
VREF
+0.50
VREF
+0.52
V
Hysteresis
300
500
600
mV
Enable threshold
1.7
1.9
2.1
V
Enable hysteresis
0.1
0.2
0.3
V
Current Amplifier Section
Input offset voltage
VCM = 0 V,
VCAOUT = 3 V
−3.5
0
2.5
mV
Input bias current
VCM = 0 V,
VCAOUT = 3 V
−50
−100
nA
Input offset current
VCM = 0 V,
VCAOUT = 3 V
25
100
nA
Open loop gain
VCM = 0 V,
VCAOUT = 2 V to 5 V
90
dB
Common-mode rejection ratio
VCM = 0 V to 1.5 V,
VCAOUT = 3 V
60
80
dB
High-level output voltage
IL = −120 µA
5.6
6.5
6.8
V
Low-level output voltage
IL = 1 mA
0.1
0.2
0.5
V
Gain bandwidth product
(1)
2.5
MHz
Voltage Reference Section
Input voltage
TA = 0°C to 70°C
7.387
7.5
7.613
V
Input voltage
TA = −40°C to 85°C
7.369
7.5
7.631
V
Load regulation
IREF = 1 mA to 2 mA
0
10
mV
Line regulation
VCC = 10.8 V to 15 V(2)
0
10
mV
Short-circuit current
VREF = 0 V
−20
−25
−50
mA
Oscillator Section
Initial accuracy
TA = 25°C
85
100
115
kHz
Voltage stability
VCC = 10.8 V to 15 V
−1
1
%
Total variation
Line, temp
80
120
kHz
Ramp peak voltage
4.5
5
5.5
Ramp amplitude voltage
(peak to peak)
3.5
4
4.5
V
Peak Current Limit Section
PKLMT reference voltage
−15
15
mV
PKLMT propagation delay
150
350
500
ns
NOTES:
1. Ensured by design, not production tested.
2. Reference variation for VCC < 10.8 V is shown in Figure 8.


Similar Part No. - UCC3818ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3818ADRG4 TI-UCC3818ADRG4 Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3818ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com