Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3941N-5 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC3941N-5
Description  1V SYNCHRONOUS BOOST CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3941N-5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC3941N-5 Datasheet HTML 6Page - Texas Instruments UCC3941N-5 Datasheet HTML 7Page - Texas Instruments UCC3941N-5 Datasheet HTML 8Page - Texas Instruments UCC3941N-5 Datasheet HTML 9Page - Texas Instruments UCC3941N-5 Datasheet HTML 10Page - Texas Instruments UCC3941N-5 Datasheet HTML 11Page - Texas Instruments UCC3941N-5 Datasheet HTML 12Page - Texas Instruments UCC3941N-5 Datasheet HTML 13Page - Texas Instruments UCC3941N-5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
UCC2941-3, UCC2941-5, UCC2941-ADJ, UCC3941-3, UCC3941-5, UCC3941-ADJ
1V SYNCHRONOUS BOOST CONVERTER
SLUS242B – JANUARY 1999 – REVISED JUNE 2001
10
www.ti.com
APPLICATION INFORMATION
programming the power limit (continued)
UDG–98159
5
8
1
7
6
VOUT
SW
10SN100M
100
µF
RPL 6.2 Ω
WCR0805–6R207
4
5.0 V AT 500 mW
2
SD
VGD
10
µF
OPEN = SD
3
VIN
10
µF
MMSZ5240BT1
10 V
+ 1 V TO 5.5 V
DT3316P–223
22
µH
PLIM
SGND
PGND
UCC3941–5
8.5 V
Figure 4. Dual Output Synchronous Boost, 5-V Version
UDG–98164
5
8
1
7
6
VOUT
SW
10SN100M
100
µF
RPL 6.2 Ω
WCR0805–6R207
4
2
SD
VGD
10
µF
OPEN = SD
3
VIN
10
µF
MMSZ5240BT1
+ 1 V TO VOUT + 0.5 V
DT3316P–223
PLIM
FB
(SGND)
PGND
UCC3941–ADJ
8.5 V
R1
R2
10 V
VOUT
+ 1.25
1
) R1
R2
AT 500 mA
VREF = 1.25 V
22
µH
Figure 5. Dual Output Synchronous Boost, Adjustable Version


Similar Part No. - UCC3941N-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC3941 ETC1-UCC3941 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
UCC3941-3 ETC1-UCC3941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3941-5 ETC1-UCC3941-5 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
UCC3941-ADJ ETC1-UCC3941-ADJ Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
More results

Similar Description - UCC3941N-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCC2941-3 ETC1-UCC2941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3945 ETC1-UCC3945 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
   SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
   1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com