Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2804D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2804D
Description  Low-Power BiCMOS Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2804D Datasheet(HTML) 1 Page - Texas Instruments

  UCC2804D Datasheet HTML 1Page - Texas Instruments UCC2804D Datasheet HTML 2Page - Texas Instruments UCC2804D Datasheet HTML 3Page - Texas Instruments UCC2804D Datasheet HTML 4Page - Texas Instruments UCC2804D Datasheet HTML 5Page - Texas Instruments UCC2804D Datasheet HTML 6Page - Texas Instruments UCC2804D Datasheet HTML 7Page - Texas Instruments UCC2804D Datasheet HTML 8Page - Texas Instruments UCC2804D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Vin
Vout
Cin
Cout
UCC2803
7
1
2
3
4
5
6
8
VCC
REF
RC
GND
COMP
FB
CS
OUT
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
UCC1800, UCC1801, UCC1802, UCC1803, UCC1804, UCC1805
UCC2800, UCC2801, UCC2802, UCC2803, UCC2804, UCC2805
UCC3800, UCC3801, UCC3802, UCC3803, UCC3804, UCC3805
SLUS270E – MARCH 1999 – REVISED JUNE 2016
UCC180x, UCC280x, UCC380x Low-Power BiCMOS Current-Mode PWM Controllers
1
1 Features
1
100-μA Typical Starting Supply Current
500-μA Typical Operating Supply Current
Operation up to 1 MHz
Internal Soft Start
Internal Fault Soft Start
Internal Leading-Edge Blanking of the Current
Sense Signal
1-A Totem-Pole Output
70-ns Typical Response from Current-Sense to
Gate Drive Output
1.5% Tolerance Voltage Reference
Same Pinout as UC3842 and UC3842A
2 Applications
Switch Mode Power Supplies (SMPS)
DC-to-DC Converters
Power Modules
Industrial PSU
Battery-Operated PSU
3 Description
The
UCCx80x
family
of
high-speed,
low-power
integrated circuits contain all of the control and drive
components required for off-line and DC-to-DC fixed
frequency
current-mode
switching
mode
power
supplies with minimal parts count.
These devices have the same pin configuration as
the UCx84x family, and also offer the added features
of internal full-cycle soft start and internal leading-
edge blanking of the current-sense input.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
UCC1800
LCC (20)
8.89 mm × 8.89 mm
CDIP (8)
6.67 mm × 9.60 mm
UCC1801, UCC1802,
UCC1803, UCC1804,
UCC1805
CDIP (8)
6.67 mm × 9.60 mm
UCC2800, UCC2801,
UCC2802, UCC2803,
UCC2804, UCC2805,
UCC3800, UCC3801,
UCC3802, UCC3803,
UCC3804, UCC3805
TSSOP (8)
4.40 mm × 3.00 mm
SOIC (8)
3.91 mm × 4.90 mm
PDIP (8)
6.35 mm × 9.81 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Application Diagram


Similar Part No. - UCC2804D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2804D TI-UCC2804D Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2804D TI1-UCC2804D Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2804D TI-UCC2804D Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2804D TI1-UCC2804D Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC2804D/ TI1-UCC2804D/ Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results

Similar Description - UCC2804D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_17 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
UCC28C40-Q1 TI1-UCC28C40-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   Automotive BiCMOS Low-Power Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com