Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2804PWTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2804PWTR
Description  Low-Power BiCMOS Current-Mode PWM Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2804PWTR Datasheet(HTML) 3 Page - Texas Instruments

  UCC2804PWTR Datasheet HTML 1Page - Texas Instruments UCC2804PWTR Datasheet HTML 2Page - Texas Instruments UCC2804PWTR Datasheet HTML 3Page - Texas Instruments UCC2804PWTR Datasheet HTML 4Page - Texas Instruments UCC2804PWTR Datasheet HTML 5Page - Texas Instruments UCC2804PWTR Datasheet HTML 6Page - Texas Instruments UCC2804PWTR Datasheet HTML 7Page - Texas Instruments UCC2804PWTR Datasheet HTML 8Page - Texas Instruments UCC2804PWTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
3
UCC1800, UCC1801, UCC1802, UCC1803, UCC1804, UCC1805
UCC2800, UCC2801, UCC2802, UCC2803, UCC2804, UCC2805
UCC3800, UCC3801, UCC3802, UCC3803, UCC3804, UCC3805
www.ti.com
SLUS270E – MARCH 1999 – REVISED JUNE 2016
Product Folder Links: UCC1800 UCC1801 UCC1802 UCC1803 UCC1804 UCC1805 UCC2800 UCC2801 UCC2802
UCC2803 UCC2804 UCC2805 UCC3800 UCC3801 UCC3802 UCC3803 UCC3804 UCC3805
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
5 Description (continued)
The UCCx80x family offers a variety of package options, temperature range options, choice of maximum duty
cycle, and choice of critical voltage levels. Lower reference parts such as the UCC2803 and UCC2805 fit best
into battery-operated systems, while the higher reference and higher UVLO hysteresis of the UCC2802 and
UCC2804 make these ideal choices for use in off-line power supplies.
The UCC180x series is specified for operation from –55°C to 125°C, the UCC280x series is specified for
operation from –40°C to 85°C, and the UCC380x series is specified for operation from 0°C to 70°C.
6 Device Comparison Table
PART NUMBER
MAXIMUM DUTY CYCLE
REFERENCE VOLTAGE
TURNON THRESHOLD
TURNOFF THRESHOLD
UCCx800
100%
5 V
7.2 V
6.9 V
UCCx801
50%
5 V
9.4 V
7.4 V
UCCx802
100%
5 V
12.5 V
8.3 V
UCCx803
100%
4 V
4.1 V
3.6 V
UCCx804
50%
5 V
12.5 V
8.3 V
UCCx805
50%
4 V
4.1 V
3.6 V
Table 1. Temperature and Package Selection
TEMPERATURE RANGE
AVAILABLE PACKAGES
UCC180x
–55°C to 125°C
J, L
UCC280x
–40°C to 85°C
N, D, PW
UCC380x
0°C to 70°C
N, D, PW


Similar Part No. - UCC2804PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2804PWTR TI-UCC2804PWTR Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2804PWTR TI1-UCC2804PWTR Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2804PWTR TI-UCC2804PWTR Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2804PWTR TI1-UCC2804PWTR Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC2804PWTRG4 TI-UCC2804PWTRG4 Datasheet
383Kb / 20P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results

Similar Description - UCC2804PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C41-Q1 TI1-UCC28C41-Q1_16 Datasheet
971Kb / 25P
[Old version datasheet]   BiCMOS Low-Power Current-Mode PWM Controllers
UCC28C41-Q1 TI-UCC28C41-Q1_15 Datasheet
825Kb / 22P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C4X-EP TI1-UCC28C4X-EP Datasheet
646Kb / 24P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C41-Q1 TI1-UCC28C41-Q1 Datasheet
450Kb / 20P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C45-EP TI-UCC28C45-EP_15 Datasheet
639Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC28C43-EP TI1-UCC28C43-EP Datasheet
638Kb / 23P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLERS
UCC1800 TI1-UCC1800_17 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
Texas Instruments
UCC28C40-Q1 TI1-UCC28C40-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   Automotive BiCMOS Low-Power Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com