Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33991DH Datasheet(PDF) 9 Page - Motorola, Inc

Part # PC33991DH
Description  Gauge Driver Integrated Circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33991DH Datasheet(HTML) 9 Page - Motorola, Inc

Back Button PC33991DH Datasheet HTML 5Page - Motorola, Inc PC33991DH Datasheet HTML 6Page - Motorola, Inc PC33991DH Datasheet HTML 7Page - Motorola, Inc PC33991DH Datasheet HTML 8Page - Motorola, Inc PC33991DH Datasheet HTML 9Page - Motorola, Inc PC33991DH Datasheet HTML 10Page - Motorola, Inc PC33991DH Datasheet HTML 11Page - Motorola, Inc PC33991DH Datasheet HTML 12Page - Motorola, Inc PC33991DH Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33991
9
Characteristic
Symbol
Min
Typ
Max
Unit
SPI Timing Interface
Recommended Frequency of SPI Operation
fSPI
1
3
MHz
Falling edge of CS to Rising Edge of SCLK Required Setup Time) (Note9)
TLEAD
50
167
ns
Falling edge of SCLK to Rising Edge of CS (Required Setup Time)(Note9)
TLAG
50
167
ns
SI to Falling Edge of SCLK (Required Setup Time) (Note9)
TSLSU
25
83
ns
Falling Edge of SCLK to SI (Required Hold Time) (Note9)
TSI(HOLD)
25
83
ns
SO Rise Time (CL = 200 pF)
TrSO
25
50
ns
SO Fall Time (CL = 200 pF)
TfSO
25
50
ns
SI, CS, SCLK, Incoming Signal Rise Time (Note10)
TrSI
50
ns
SI, CS, SCLK, Incoming Signal Fall Time (Note10)
TfSI
50
ns
Falling Edge of RST to Rising Edge of RST (Required Setup Time) (Note9)
TwRST
3
µs
Rising Edge of CS to Falling Edge of CS (Required Setup Time) (Note9)
(Note11)
TCS
5
µs
Rising Edge of RST to Falling Edge of CS (Required Setup Time) (Note9)
TEN
5
µs
Time from Falling Edge of CS to SO Low Impedance (Note12)
TSO(EN)
145
ns
Time from Rising Edge of CS to SO High Impedance (Note13)
TSO(DIS)
1.3
4
µs
Time from Rising Edge of SCLK to SO Data Valid (Note14) 0.2 VDD <= SO
>= 0.8 VDD, CL = 200 pF
TVALID
65
105
ns
Notes:
9.
The maximum setup times specified for the 33991 is the minimum time needed from the microcontroller to guarantee correct operation.
10.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
11.
This value is for a 1 MHz calibrated internal clock; it will change proportionally as the internal clock frequency changes.
12.
Time required for output status data to be available for use at SO. 1 K
Ω load on SO.
13.
Time required for output status data to be terminated at SO. 1 K
Ω load on SO.
14.
Time required to obtain valid data out from SO following the rise of SCLK.
The device shall meet all SPI interface-timing requirements specified in the SPI Interface Timing, over the temperature range specified in the
environmental requirements section. Digital Interface timing is based on a symmetrical 50 percent duty cycle SCLK Clock Period of 333 ns. The
device shall be fully functional for slower clock speeds.
STATIC ELECTRICAL CHARACTERISTICS
(Characteristics noted under conditions 4.75 V < VDD < 5.25 V, -40° C < TJ < 150° C, unless otherwise noted)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33991DH

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PC33996EK/R2 MOTOROLA-PC33996EK/R2 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
PC33999EK MOTOROLA-PC33999EK Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
PC33999EK/R2 MOTOROLA-PC33999EK/R2 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
More results

Similar Description - PC33991DH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
   Integrated Circuit Audio Driver
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
   Integrated Circuit 8-Circuit Display Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
NTE Electronics
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
   Integrated Circuit TV SCR Driver
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com