Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC9448D Datasheet(PDF) 6 Page - Motorola, Inc

Part # MPC9448D
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9448D Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MPC9448D Datasheet HTML 2Page - Motorola, Inc MPC9448D Datasheet HTML 3Page - Motorola, Inc MPC9448D Datasheet HTML 4Page - Motorola, Inc MPC9448D Datasheet HTML 5Page - Motorola, Inc MPC9448D Datasheet HTML 6Page - Motorola, Inc MPC9448D Datasheet HTML 7Page - Motorola, Inc MPC9448D Datasheet HTML 8Page - Motorola, Inc MPC9448D Datasheet HTML 9Page - Motorola, Inc MPC9448D Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MPC9448
MOTOROLA
TIMING SOLUTIONS
6
APPLICATIONS INFORMATION
Figure 3. Output Clock Stop (CLK_STOP) Timing
Diagram
CCLK or
PCLK
CLK_STOP
Q0 to Q11
Driving Transmission Lines
The MPC9448 clock driver was designed to drive high
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user, the output
drivers were designed to exhibit the lowest impedance
possible. With an output impedance of 17Ω (VCC=3.3V), the
outputs can drive either parallel or series terminated
transmission lines. For more information on transmission
lines, the reader is referred to Motorola application note
AN1091.
In most high performance clock networks,
point--to--point distribution of signals is the method of choice.
In a point--to--point scheme, either series terminated or
parallel terminated transmission lines can be used. The
parallel technique terminates the signal at the end of the line
with a 50Ω resistance to VCC÷2.
Figure 4. Single versus Dual Transmission Lines
17Ω
IN
MPC9448
OUTPUT
BUFFER
RS =33Ω
ZO =50Ω
OutA
17Ω
IN
MPC9448
OUTPUT
BUFFER
RS =33Ω
ZO =50Ω
OutB0
RS =33Ω
ZO =50Ω
OutB1
This technique draws a fairly high level of DC current and
thus only a single terminated line can be driven by each
output of the MPC9448 clock driver.
For the series
terminated case, however, there is no DC current draw; thus,
the outputs can drive multiple series terminated lines.
Figure 4 “Single versus Dual Transmission Lines” illustrates
an output driving a single series terminated line versus two
series terminated lines in parallel. When taken to its extreme,
the fanout of the MPC9448 clock driver is effectively doubled
due to its capability to drive multiple lines at VCC=3.3V.
Figure 5. Single versus Dual Line Termination
Waveforms
TIME (nS)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
101214
OutB
tD = 3.9386
OutA
tD = 3.8956
In
The waveform plots in Figure 5 “Single versus Dual Line
Termination Waveforms” show the simulation results of an
output driving a single line versus two lines. In both cases,
the drive capability of the MPC9448 output buffer is more
than sufficient to drive 50Ω transmission lines on the incident
edge. Note from the delay measurements in the simulations
a delta of only 43ps exists between the two differently loaded
outputs. This suggests that the dual line driving need not be
used exclusively to maintain the tight output--to--output skew
of the MPC9448. The output waveform in Figure 5 “Single
versus Dual Line Termination Waveforms” shows a step in
the waveform; this step is caused by the impedance
mismatch seen looking into the driver. The parallel
combination of the 33Ω series resistor plus the output
impedance does not match the parallel combination of the
line impedances. The voltage wave launched down the two
lines will equal:
VL =VS (Z0 ÷ (RS+R0 +Z0))
Z0 =50Ω || 50Ω
RS =33Ω || 33Ω
R0 =17Ω
VL =3.0 (25 ÷ (16.5+17+25)
= 1.28V
At the load end the voltage will double, due to the near
unity reflection coefficient, to 2.5V. It will then increment
towards the quiescent 3.0V in steps separated by one round
trip delay (in this case 4.0ns).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9448D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
   3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
More results

Similar Description - MPC9448D

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8180C AKM-AK8180C Datasheet
1,006Kb / 12P
   2.5V, 3.3V LVCMOS 1:12 Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99448 ALSC-ASM2I99448 Datasheet
594Kb / 15P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
PulseCore Semiconductor
PCS2I99448 PULSECORE-PCS2I99448 Datasheet
598Kb / 15P
   3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
   3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
logo
Alliance Semiconductor ...
ASM2I99447 ALSC-ASM2I99447 Datasheet
565Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
PCS2I99447 PULSECORE-PCS2I99447 Datasheet
567Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9447 MOTOROLA-MPC9447 Datasheet
231Kb / 12P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com