Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8981D Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # MT8981D
Description  Digital Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8981D Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button MT8981D Datasheet HTML 2Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 3Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 4Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 5Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 6Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 9Page - Zarlink Semiconductor Inc MT8981D Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MT8981D ISO-CMOS
2-22
Figure 5 - Connection Memory High Bits
Figure 6 - Connection Memory Low Bits
BIT
NAME
DESCRIPTION
2
Message
Channel
When 1, the contents of the corresponding location in Connection Memory Low are
output on the location’s channel and stream. When 0, the contents of the corresponding
location in Connection Memory Low act as an address for the Data Memory and so
determine the source of the connection to the location’s channel and stream.
1
Unused
0
Output
Enable
If the ODE pin is high and bit 6 of the Control Register is 0, then this bit enables the
output driver for the location’s channel and stream. This allows individual channels on
individual streams to be made high-impedance, allowing switching matrices to be
constructed. A 1 enables the driver and a 0 disables it.
BIT
NAME
DESCRIPTION
7
(Unused)
Must be a 0.
6-5*
Stream
Address
Bits*
The number expressed in binary notation on these 2 bits is the number of the ST-BUS
stream for the source of the connection. Bit 6 is the most significant bit. e.g., if bit 6 is 1,
and bit 5 is 0, then the source of the connection is a channel on STi2.
4-0*
Channel
Address
Bits*
The number expressed in binary notation on these 5 bits is the number of the channel
which is the source of the connection (The ST-BUS stream where the channel lies is
defined by bits 6 and 5.). Bit 4 is the most significant bit. e.g., if bit 4 is 1, bit 3 is 0, bit 2 is
0, bit 1 is 1 and bit 0 is 1, then the source of the connection is channel 19.
*If bit 2 of the corresponding Connection High location is 1 or if bit 6 of the Control Register is 1, then these entire
8 bits are output on the channel and stream associated with this location. Otherwise, the bits are used as
indicated to define the source of the connection which is output on the channel and stream associated with this
location.
76
5
4
3
2
1
0
No Corresponding Memory
- These bits give 0s if read.
Per Channel
Control Bits
76
5
4
3
2
1
0
76
5
4
3
2
1
0
(unused)
Stream
Address
Bits
Channel
Address
Bits


Similar Part No. - MT8981D

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8981D MITEL-MT8981D Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8981D ZARLINK-MT8981D Datasheet
481Kb / 20P
   ISO-CMOS ST-BUS
logo
Mitel Networks Corporat...
MT8981D-1 MITEL-MT8981D-1 Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981DC MITEL-MT8981DC Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981DE MITEL-MT8981DE Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
More results

Similar Description - MT8981D

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP8980D A1PROS-IMP8980D Datasheet
142Kb / 14P
   PCM Digital Switch
logo
IMP, Inc
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
   PCM Digital Switch
logo
Zarlink Semiconductor I...
MT90820 ZARLINK-MT90820 Datasheet
573Kb / 37P
   Large Digital Switch
logo
IMP, Inc
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
   PCM Digital Switch
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
logo
Zarlink Semiconductor I...
MT90826 ZARLINK-MT90826 Datasheet
571Kb / 46P
   Quad Digital Switch
logo
Omron Electronics LLC
H5S OMRON-H5S Datasheet
4Mb / 27P
   Digital Time Switch
logo
Mitel Networks Corporat...
MT90826 MITEL-MT90826 Datasheet
132Kb / 30P
   Quad Digital Switch
logo
Zarlink Semiconductor I...
MT8985 ZARLINK-MT8985 Datasheet
568Kb / 26P
   Enhanced Digital Switch
logo
Analog Devices
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com