Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8981DE Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # MT8981DE
Description  Digital Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT8981DE Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MT8981DE Datasheet HTML 7Page - Zarlink Semiconductor Inc MT8981DE Datasheet HTML 8Page - Zarlink Semiconductor Inc MT8981DE Datasheet HTML 9Page - Zarlink Semiconductor Inc MT8981DE Datasheet HTML 10Page - Zarlink Semiconductor Inc MT8981DE Datasheet HTML 11Page - Zarlink Semiconductor Inc MT8981DE Datasheet HTML 12Page - Zarlink Semiconductor Inc MT8981DE Datasheet HTML 13Page - Zarlink Semiconductor Inc MT8981DE Datasheet HTML 14Page - Zarlink Semiconductor Inc MT8981DE Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISO-CMOS
MT8981D
2-27
† Timing is over recommended temperature & power supply voltages
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* Contents of Connection Memory are not lost if the clock stops, however, ST-BUS outputs go into the high impedance state.
NB: Frame Pulse is repeated every 512 cycles of C4i.
Figure 12 - Frame Alignment
Figure 13 - Clock Timing
AC Electrical Characteristics- Clock Timing (Figures 12 and 13)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
I
N
P
U
T
S
Clock Period*
tCLK
220
244
300
ns
2
Clock Width High
tCH
95
122
150
ns
3
Clock Width Low
tCL
110
122
150
ns
4
Clock Transition Time
tCTT
20
ns
5
Frame Pulse SetupTime
tFPS
20
200
ns
6
Frame Pulse Hold Time
tFPH
0.020
50
µs
7
Frame Pulse Width
tFPW
244
ns
tCLK
tCTT
tCH
tCHL
tCTT
tFPH
tFPS
tFPH
tFPS
tFPW
tCL
C4i
F0i
2.0V
0.8V
2.0V
0.8V
C4i
F0i
BIT
CELLS
Channel 31
Bit o
Channel 0
Bit 7


Similar Part No. - MT8981DE

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8981DE MITEL-MT8981DE Datasheet
120Kb / 18P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
MT8981DE MITEL-MT8981DE Datasheet
179Kb / 14P
   ISO-CMOS ST-BUS??FAMILY Digital Switch
logo
Zarlink Semiconductor I...
MT8981DE ZARLINK-MT8981DE Datasheet
481Kb / 20P
   ISO-CMOS ST-BUS
More results

Similar Description - MT8981DE

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP8980D A1PROS-IMP8980D Datasheet
142Kb / 14P
   PCM Digital Switch
logo
IMP, Inc
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
   PCM Digital Switch
logo
Zarlink Semiconductor I...
MT90820 ZARLINK-MT90820 Datasheet
573Kb / 37P
   Large Digital Switch
logo
IMP, Inc
IMP8980D IMP-IMP8980D Datasheet
136Kb / 14P
   PCM Digital Switch
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
logo
Zarlink Semiconductor I...
MT90826 ZARLINK-MT90826 Datasheet
571Kb / 46P
   Quad Digital Switch
logo
Omron Electronics LLC
H5S OMRON-H5S Datasheet
4Mb / 27P
   Digital Time Switch
logo
Mitel Networks Corporat...
MT90826 MITEL-MT90826 Datasheet
132Kb / 30P
   Quad Digital Switch
logo
Zarlink Semiconductor I...
MT8985 ZARLINK-MT8985 Datasheet
568Kb / 26P
   Enhanced Digital Switch
logo
Analog Devices
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com