Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN6004A Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCN6004A
Description  Dual SAM/SIM Interface Integrated Circuit
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN6004A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCN6004A Datasheet HTML 2Page - ON Semiconductor NCN6004A Datasheet HTML 3Page - ON Semiconductor NCN6004A Datasheet HTML 4Page - ON Semiconductor NCN6004A Datasheet HTML 5Page - ON Semiconductor NCN6004A Datasheet HTML 6Page - ON Semiconductor NCN6004A Datasheet HTML 7Page - ON Semiconductor NCN6004A Datasheet HTML 8Page - ON Semiconductor NCN6004A Datasheet HTML 9Page - ON Semiconductor NCN6004A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
NCN6004A
http://onsemi.com
6
PIN DESCRIPTION (continued)
Pin
Description
Type
Symbol
17
C4_B
INPUT
This pin controls the card #B C4 contact. The signal can be either de -multiplexed,
at MPU level, or is multiplexed with C8_A, depending upon the MUX_MODE logic
state.
When MUX_MODE = High, this pin is internally disable, a pull up resistor is con-
nected to VCC, (regardless of the logic state of EN_RPU), and the access to card B
takes place by C4_A associated with CARD_SEL selection bit.
The associated pull up resistor is either connected to VCC (EN_RPU = H) or discon-
nected when EN_RPU = Low.
18
RESET_B
INPUT
The signal present on this pin is translated to the RST pin of the external smart card
#B. The CS signal must be Low to valid the RESET function, regardless of the se-
lected card. Assuming the
mP provides two independent lines to control the RESET
pins, and MUX_MODE = Low, the NCN6004A can control two cards simultaneously.
When MUX_MODE = High, this pin is internally disable, a pull up resistor is con-
nected to VCC, (regardless of the logic state of EN_RPU), and the access to card B
takes place by RESET_A associated with CARD_SEL selection bit.
The associated pull up resistor is either connected to VCC (EN_RPU = H) or discon-
nected when EN_RPU = Low.
19
I/O_B
INPUT/OUTPUT
This pin carries the data transmission between an external microcontroller and the
external smart card #B.
A built-in bi-directional level translator adapts the signal flowing between the card
and the MCU. The level translator is enabled when CS = Low. The signal present on
this pin is latched when CS = High. Since a dedicated line is used to communicate
the data between the
mP and the smart card, (assuming MUX_MODE = Low) the
user can activate the two channels simultaneously, assuming the
mP provides a pair
of I/O lines. When MUX_MODE = High, this pin is internally disable, the pull up re-
sistor is connected to VCC, (regardless of the logic state of EN_RPU), and the ac-
cess to card B takes place by I/O_A associated with CARD_SEL selection bit.
20
CRD_DET_A
INPUT
This pin senses the signal coming from the external smart card connector to detect
the presence of card #A. The polarity of the signal is programmable as Normally
Open or Normally Close switch. The logic signal will be activated when the level is
either Low or High, with respect to the polarity defined previously. By default, the
input is Normally Open. A built-in circuit prevents uncontrolled short pulses to gen-
erate an INT signal. The digital filter eliminates pulse width below 50
ms (see spec).
21
CRD_C8_A
OUTPUT
This pin controls the card #A C8 contact, according to the ISO7816 specifications. A
built-in level shifter is used to adapt the card and the
mC, regardless of the power
supply voltage of each signals.
The signal present at this pin is latched upon either CARD_SEL =L, or CS = H or
PGM = L, and resume to a transparent mode when card #A is selected and operates
in the transfer mode.The pin is hardwired to zero, the bias being provided by the
VCC supply, when either the VCC voltage drops below 2.7 V, or during the
CRD_VCC_A start-up time.
22
CRD_C4_A
OUTPUT
This pin controls the card #A C4 contact, according to the ISO7816 specifications. A
built-in level shifter is used to adapt the card and the MCU, regardless of the power
supply voltage of each signals.
The signal present at this pin is latched upon either CARD_SEL = L, or CS = H, or
PGM = L, and resume to a transparent mode when card #A is selected and operates
in the transfer mode.
The pin is hardwired to zero, the bias being provided by the VCC supply, when either
the VCC voltage drops below 2.7 V, or during the CRD_VCC_A start-up time.
23
CRD_RST_A
OUTPUT
This pin is connected to the external smart card #A to support the RESET signal. A
built-in level shifter is used to adapt the card and the MCU, regardless of the power
supply voltage of each signals.
The signal present at this pin is latched upon either CARD_SEL = Low, or when CS
or PGM returns to a High, and resume to a transparent mode when card #A is se-
lected. The pin is hardwired to zero, the bias being provided by the VCC supply,
when either the VCC voltage drops below 2.7 V, or during the CRD_VCC_A start-up
time.


Similar Part No. - NCN6004A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6004A ONSEMI-NCN6004A Datasheet
357Kb / 40P
   Dual SAM/SIM Interface Integrated Circuit
March, 2006 ??Rev. 3
NCN6004A ONSEMI-NCN6004A Datasheet
475Kb / 4P
   Smartcard Interface ICs
Rev.1, Oct-2006
NCN6004AFTBR2 ONSEMI-NCN6004AFTBR2 Datasheet
357Kb / 40P
   Dual SAM/SIM Interface Integrated Circuit
March, 2006 ??Rev. 3
NCN6004AFTBR2G ONSEMI-NCN6004AFTBR2G Datasheet
357Kb / 40P
   Dual SAM/SIM Interface Integrated Circuit
March, 2006 ??Rev. 3
NCN6004A ONSEMI-NCN6004A_06 Datasheet
357Kb / 40P
   Dual SAM/SIM Interface Integrated Circuit
March, 2006 ??Rev. 3
More results

Similar Description - NCN6004A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN6004A ONSEMI-NCN6004A_06 Datasheet
357Kb / 40P
   Dual SAM/SIM Interface Integrated Circuit
March, 2006 ??Rev. 3
NCN4557 ONSEMI-NCN4557 Datasheet
173Kb / 12P
   1.8 V/3.0 V Dual SIM/SAM/Smart Card Power Supply and Level Shifter
June, 2006 ??Rev. 0
logo
Linear Technology
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
logo
Leshan Radio Company
LBSS138V33T1G LRC-LBSS138V33T1G_15 Datasheet
396Kb / 3P
   Dual Integrated Circuit
logo
Texas Instruments
TPD3F303 TI1-TPD3F303 Datasheet
571Kb / 13P
[Old version datasheet]   EMI FILTER WITH INTEGRATED VCC CLAMP FOR SIM CARD INTERFACE
JANUARY2011
logo
NTE Electronics
NTE1812 NTE-NTE1812 Datasheet
23Kb / 2P
   Integrated Circuit Capstan Interface Circuit for VCR
logo
Nexperia B.V. All right...
NXT4556 NEXPERIA-NXT4556 Datasheet
268Kb / 19P
   SIM card interface level translator
Rev. 2 - 15 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com