Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ968 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OZ968
Description  SMBus Smart Inverter Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OZ968 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OZ968 Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ968 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OZ968
06/15/00
OZ968-SF-1.5
Page 1
Copyright 1999 by O
2Micro
All Rights Reserved
U.S. Patent #5,619,402
SMBus Smart Inverter Controller
FEATURES
Single-stage power conversion
Constant frequency design eliminates inter-
ference with LCDs
Built-in open-lamp protection and short-
circuit protection
Reliable 2-winding transformer design elimi-
nates arcing failures and the need for fold-
back wiring
32-level dimming and 256-level contrast
control via SMBus
High efficiency, 90% typical
Supports
both
floating
secondary
and
grounded secondary designs
ORDERING INFORMATION
OZ968G - 16-pin plastic SOP
GENERAL DESCRIPTION
The OZ968 is a unique single-stage, high-
efficiency, CCFL backlight controller. It drives a
zero-voltage-switching circuit and provides a
near sinusoidal output voltage and current wave-
forms for a CCFL backlight. Typical operating
frequency ranges from 30KHz to 100KHz. These
advances drive the OZ968 beyond comparable
conventional inverter designs with two power
conversion stages (one operates at a variable
frequency, the other at a constant frequency).
Operating in a PWM push-pull drive, the trans-
former in an OZ968 backlight inverter requires
only one primary winding and one secondary
winding. The secondary winding requires no fold-
back treatment.
The OZ968 supports a bi-directional, two-wire
bus, data transmission protocol to control dim-
ming (32 levels) and contrast (256 levels). Sup-
ply current is 1mA in active mode, 150
µA in
standby mode.
The OZ968 is available in a 16-pin SOP pack-
age. It is specified over the commercial tempera-
ture range 0oC to +70oC.
TYPICAL APPLICATION CIRCUIT
Figure 1. Typical Application Circuit
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
FB
CMP
SST
ADJ
CNT
RT
CT
GND
NDR
PDR
OVP
SMBC
SMBD
VSEQ
SCP
VDD
OZ968
CCFL
1:40
20V
5V
CONTRAST
SMBDATA
SMBCLCK
ENABLE
R10
100k
D1
1N4148
C6
22p/3KV
R2
120k
Q1
Si4559EY/
N
Q2
Si4559EY/P
Q4
3904
3904
Q5
R8
10k
Q3
3906
R3
3.3k
R4
200k
R5
10k
R7
0.1ohm
D2
1N4148
R9
1k
C3
0.47u
C2
0.1u
C1
47u/
25v
C7
4.7u
R6
2.2k
C4
220p
C5
0.1u


Similar Part No. - OZ968

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ960 ETC1-OZ960 Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
logo
O2Micro International L...
OZ960 O2MICRO-OZ960 Datasheet
205Kb / 12P
   Intelligent CCFL Inverter Controller
10/23/01
logo
List of Unclassifed Man...
OZ960D ETC1-OZ960D Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
OZ960G ETC1-OZ960G Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
OZ960ID ETC1-OZ960ID Datasheet
244Kb / 12P
   Intelligent CCFL Inverter Controller
More results

Similar Description - OZ968

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NCT5605Y NUVOTON-NCT5605Y Datasheet
747Kb / 20P
   SMBus GPIO Controller
W83L603G NUVOTON-W83L603G Datasheet
653Kb / 23P
   SMBus GPIO Controller
logo
Winbond
W83L603G WINBOND-W83L603G Datasheet
428Kb / 22P
   SMBus GPIO Controller
logo
Analog Devices
DC1613A AD-DC1613A Datasheet
309Kb / 8P
   I2C/SMBUS/PMBUS Controller
logo
List of Unclassifed Man...
DBC98C51 ETC1-DBC98C51 Datasheet
1Mb / 31P
   SMBus Device Bay Controller
logo
Infineon Technologies A...
TLE8386EL INFINEON-TLE8386EL Datasheet
1Mb / 26P
   Smart Boost Controller
Rev. 1.0, 2009-11-30
logo
Pericom Semiconductor C...
PT8A3514A PERICOM-PT8A3514A Datasheet
279Kb / 8P
   Smart Iron Controller
logo
STMicroelectronics
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
   SMART PRIMARY CONTROLLER
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
   SMART PRIMARY CONTROLLER
logo
O2Micro International L...
TA9687GN O2MICRO-TA9687GN Datasheet
715Kb / 14P
   LCDM Inverter Controller
4/14/2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com