Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM2CN64EFN Datasheet(PDF) 10 Page - Texas Instruments

Part # TM2CN64EFN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM2CN64EFN Datasheet(HTML) 10 Page - Texas Instruments

Back Button TM2CN64EFN Datasheet HTML 6Page - Texas Instruments TM2CN64EFN Datasheet HTML 7Page - Texas Instruments TM2CN64EFN Datasheet HTML 8Page - Texas Instruments TM2CN64EFN Datasheet HTML 9Page - Texas Instruments TM2CN64EFN Datasheet HTML 10Page - Texas Instruments TM2CN64EFN Datasheet HTML 11Page - Texas Instruments TM2CN64EFN Datasheet HTML 12Page - Texas Instruments TM2CN64EFN Datasheet HTML 13Page - Texas Instruments TM2CN64EFN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TM2CN64EFN 2097152 BY 64BIT
TM4CN64EFN 4194304 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS714 − MAY 1998
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
serial presence detect (continued)
Table 1. Serial Presence Detect Data for the TM2CN64EFN (Continued)
BYTE
DESCRIPTION OF FUNCTION
TM2CN64EFN-10
BYTE
NO.
DESCRIPTION OF FUNCTION
ITEM
DATA
25
Minimum clock cycle time at CL = X − 2
N/A
00h
26
Maximum data-access time from clock at CL = X − 2
N/A
00h
27
Minimum row-precharge time
tRP = 30 ns
1Eh
28
Minimum row-active to row-active delay
tRRD = 20 ns
14h
29
Minimum RAS-to-CAS delay
tRCD = 30 ns
1Eh
30
Minimum RAS pulse width
tRAS = 50 ns
32h
31
Density of each bank on module
16M Bytes
04h
32
Command and address signal input setup time
tIS = 3 ns
30h
33
Command and address signal input hold time
tIH = 1 ns
10h
34
Data signal input setup time
tIS = 3 ns
30h
35
Data signal input hold time
tIH = 1 ns
10h
36−61
Superset features (may be used in the future)
62
SPD revision
Rev. 1.2
12h
63
Checksum for byte 0 − 62
47
2Fh
64 − 71
Manufacturer’s JEDEC ID code per JEP − 106E
97h
9700...00h
72
Manufacturing location†
TBD
73
Manufacturer’s part number
T
54h
74
Manufacturer’s part number
M
4Dh
75
Manufacturer’s part number
2
32h
76
Manufacturer’s part number
C
43h
77
Manufacturer’s part number
N
4Eh
78
Manufacturer’s part number
6
36h
79
Manufacturer’s part number
4
34h
80
Manufacturer’s part number
E
45h
81
Manufacturer’s part number
F
46h
82
Manufacturer’s part number
N
4Eh
83
Manufacturer’s part number
2Dh
84
Manufacturer’s part number
1
31h
85
Manufacturer’s part number
0
30h
86−90
Manufacturer’s part number
SPACE
20h
91
Die revision code†
TBD
92
PCB revision code†
TBD
93−94
Manufacturing date†
TBD
95−98
Assembly serial number†
TBD
99−125
Manufacturer-specific data†
TBD
126
Clock frequency
66 MHz
66h
127
SDRAM component and clock interconnection details
199
C7h
128−166
System-integrator-specific data‡
TBD
167−255
Open
† TBD indicates values are determined at manufacturing time and are module-dependent.
‡ These TBD values are determined and programmed by the customer (optional).


Similar Part No. - TM2CN64EFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM2CN64EFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com