Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM4CN64EFN Datasheet(PDF) 8 Page - Texas Instruments

Part # TM4CN64EFN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM4CN64EFN Datasheet(HTML) 8 Page - Texas Instruments

Back Button TM4CN64EFN Datasheet HTML 4Page - Texas Instruments TM4CN64EFN Datasheet HTML 5Page - Texas Instruments TM4CN64EFN Datasheet HTML 6Page - Texas Instruments TM4CN64EFN Datasheet HTML 7Page - Texas Instruments TM4CN64EFN Datasheet HTML 8Page - Texas Instruments TM4CN64EFN Datasheet HTML 9Page - Texas Instruments TM4CN64EFN Datasheet HTML 10Page - Texas Instruments TM4CN64EFN Datasheet HTML 11Page - Texas Instruments TM4CN64EFN Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TM2CN64EFN 2097152 BY 64BIT
TM4CN64EFN 4194304 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS714 − MAY 1998
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
ac timing requirements
’xCN64EFN-10
UNIT
MIN
MAX
UNIT
tCK2
Cycle time, CLK, CAS latency = 2
15
ns
tCK3
Cycle time, CLK, CAS latency = 3
10
ns
tCH
Pulse duration, CLK high
3
ns
tCL
Pulse duration, CLK low
3
ns
tAC2
Access time, CLK high to data out, CAS latency = 2 (see Note 8)
8
ns
tAC3
Access time, CLK high to data out, CAS latency = 3 (see Note 8)
7.5
ns
tOH
Hold time, CLK high to data out
3
ns
tLZ
Delay time, CLK high to DQ in low-impedance state (see Note 9)
2
ns
tHZ
Delay time, CLK high to DQ in high-impedance state (see Note 10)
8
ns
tIS
Setup time, address, control, and data input
3
ns
tIH
Hold time, address, control, and data input
1
ns
tCESP Power-down/self-refresh exit time
10
ns
tRAS
Delay time, ACTV command to DEAC or DCAB command
50
100 000
ns
tRC
Delay time, ACTV, REFR, or SLFR exit to ACTV, MRS, REFR, or SLFR command
80
ns
tRCD
Delay time, ACTV command to READ, READ-P, WRT, or WRT-P command
(see Note 11)
30
ns
tRP
Delay time, DEAC or DCAB command to ACTV, MRS, REFR, or SLFR command
30
ns
tRRD
Delay time, ACTV command in one bank to ACTV command in the other bank
20
ns
tRSA
Delay time, MRS command to ACTV, MRS, REFR, or SLFR command
20
ns
tAPR
Final data out of READ-P operation to ACTV, MRS, SLFR, or REFR command
tRP − (CL −1) * tCK
ns
tAPW
Final data in of WRT-P operation to ACTV, MRS, SLFR, or REFR command
tRP + tCK
ns
tT
Transition time (see Note 12)
1
5
ns
tREF
Refresh interval
64
ms
nCCD
Delay time, READ or WRT command to an interrupting command
1
cycle
nCDD
Delay time, CS low or high to input enabled or inhibited
0
0
cycle
nCLE
Delay time, CKE high or low to CLK enabled or disabled
1
1
cycle
nCWL
Delay time, final data in of WRT operation to READ, READ-P, WRT, WRT-P
1
cycle
nDID
Delay time, ENBL or MASK command to enabled or masked data in
0
0
cycle
nDOD
Delay time, ENBL or MASK command to enabled or masked data out
2
2
cycle
nHZP2
Delay time, DEAC or DCAB command to DQ in high-impedance state,
CAS latency = 2
2
cycle
nHZP3
Delay time, DEAC or DCAB command to DQ in high-impedance state,
CAS latency = 3
3
cycle
nWCD Delay time, WRT command to first data in
0
0
cycle
nWR
Delay time, final data in of WRT operation to DEAC or DCAB command
1
cycle
† All references are made to the rising transition of CK unless otherwise noted.
NOTES:
8. tAC is referenced from the rising transition of CK that precedes to the data-out cycle. For example, the first-data out tAC is referenced
from the rising transition of CK that is CAS latency − one cycle after the READ command. Access time is measured at output
reference level 1.4 V.
9. tLZ is measured from the rising transition of CK that is CAS latency − one cycle after the READ command.
10. tHZ MAX defines the time at which the outputs are no longer driven and is not referenced to output voltage levels.
11. For read or write operations with automatic deactivate, tRCD must be set to satisfy minimum tRAS.
12. Transition time, tT, is measured between VIH and VIL.


Similar Part No. - TM4CN64EFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4CN64EFH TI1-TM4CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM4CN64EFN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com