Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XAL4020-122MEC Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # XAL4020-122MEC
Description  Shielded Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

XAL4020-122MEC Datasheet(HTML) 1 Page - Coilcraft lnc.

  XAL4020-122MEC Datasheet HTML 1Page - Coilcraft lnc. XAL4020-122MEC Datasheet HTML 2Page - Coilcraft lnc. XAL4020-122MEC Datasheet HTML 3Page - Coilcraft lnc. XAL4020-122MEC Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Shielded Power Inductors –XAL40xx
Document 806-1
Document 806-1 Revised 07/13/16
Inductance2
DCR (mOhms)3
SRF typ4
Isat5
Irms (A)6
Part number1
±20% (µH)
typ
max
(MHz)
(A)
20°C rise 40°C rise
XAL4020-221ME_
0.22
5.81
6.40
191
18.7
12.0
16.8
XAL4020-401ME_
0.40
7.55
8.30
145
12.5
10.0
14.0
XAL4020-601ME_
0.60
9.50
10.45
106
10.4
7.9
11.7
XAL4020-102ME_
1.0
13.25
14.60
79
8.7
6.7
9.6
XAL4020-122ME_
1.2
17.75
19.50
69
7.9
6.6
9.0
XAL4020-152ME_
1.5
21.45
23.60
64
7.1
5.2
7.5
XAL4020-222ME_
2.2
35.20
38.70
52
5.6
4.0
5.5
XAL4030-332ME_
3.3
26.0
28.6
43
5.5
5.0
6.6
XAL4030-472ME_
4.7
40.1
44.1
36
4.5
3.9
5.1
XAL4030-682ME_
6.8
67.4
74.1
29
3.6
3.0
3.9
XAL4040-822ME_
8.2
60.8
66.9
27
4.0
2.4
3.4
XAL4040-103ME_
10
84.0
92.4
24
3.0
2.2
3.1
XAL4040-153ME_
15
109
120
20
2.8
2.0
2.8
Designer’s Kit C429 contains 5 of each value
Core material Composite
Core and winding loss See www.coilcraft.com/coreloss
Environmental RoHS compliant, halogen free
Terminations RoHS compliant tin-silver (96.5/3.5) over copper. Other
terminations available at additional cost.
Ambient temperature –40°C to +125°C with (40°C rise)
Irms current.
Maximum part temperature +165°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +165°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• High current and very low DCR
• AEC-Q200 Grade 1 qualified (–40°C to +125°C ambient)
• Soft saturation makes them ideal for VRM/VRD applications.
Irms Testing
Irms testing was performed on
0.75 inch wide × 0.25 inch thick
copper traces in still air.
Temperature rise is highly
dependent on many factors
including pcb land pattern,
trace size, and proximity to
other components. Therefore
temperature rise should be
verified in application conditions.
1. When ordering, please specify
termination and packaging codes:
XAL4020-222MEC
Termination: E = RoHS compliant tin-silver over copper.
Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape.
B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added
($25 charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. DC current at 25°C that causes an inductance drop of 30% (typ) from its value without current.
Click for temperature derating information.
6. Current that causes the specified temperature rise from 25°C ambient. This information is for reference only
and does not represent absolute maximum ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - XAL4020-122MEC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
XAL4020-102ME COILCRAFT-XAL4020-102ME Datasheet
263Kb / 3P
   High Temperature Shielded Power Inductors
logo
ON Semiconductor
XAL4020-102ME ONSEMI-XAL4020-102ME Datasheet
1Mb / 17P
   NCV97311A Evaluation Board Users Manual
April, 2019 ??Rev. 0
logo
Coilcraft lnc.
XAL4020-102MEB COILCRAFT-XAL4020-102MEB Datasheet
263Kb / 2P
   Shielded Power Inductors XAL4020
XAL4020-102MEC COILCRAFT-XAL4020-102MEC Datasheet
263Kb / 2P
   Shielded Power Inductors XAL4020
XAL4020-102MED COILCRAFT-XAL4020-102MED Datasheet
263Kb / 2P
   Shielded Power Inductors XAL4020
More results

Similar Description - XAL4020-122MEC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com