Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WB2-1TSL Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # WB2-1TSL
Description  Wideband Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

WB2-1TSL Datasheet(HTML) 2 Page - Coilcraft lnc.

  WB2-1TSL Datasheet HTML 1Page - Coilcraft lnc. WB2-1TSL Datasheet HTML 2Page - Coilcraft lnc. WB2-1TSL Datasheet HTML 3Page - Coilcraft lnc. WB2-1TSL Datasheet HTML 4Page - Coilcraft lnc. WB2-1TSL Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wideband Transformers
Document 425-2 Revised 04/27/12
Document 425-2
Impedance
Insertion
Pri (pins 4–6)
Sec (pins 1–3)
DC
Part number
ratio2
Bandwidth loss max L min3 DCR max4
L min3 DCR max4 imbalance5
Schematic
SM1
TH
pri:sec
(MHz)
(dB)
(µH)
(mOhm)
(µH)
(mOhm)
max (mA)
WB1-1SL_
WB1-1L
1
:1
0.150 – 500
0.70
27
75
27
75
WB1-6SL_
WB1-6L
1
: 1
0.100 – 350
0.50
25
100
25
100
WB1.18-3SL_
WB1.18-3L
1
:1.18
0.040 – 300
0.50
90
300
108
330
WB1.5-6SL_
WB1.5-6L
1
:1.5
0.050 – 325
0.26
56
120
84
150
WB2-1-2WSL_
WB2-1-2WL
1
:2
0.080 – 700
1.00
38
100
75
150
WB2.5-6SL_
WB2.5-6L
1
:2.5
0.080 – 225
0.26
30
100
75
130
WB4-6SL_
WB4-6L
1
:4
0.100 – 125
0.50
25
100
100
200
WB9-1SL_
WB9-1L
1
:9
0.125 – 125
0.57
25
100
225
250
WB16-1SL_
WB16-1L
1
: 16
0.050 – 100
0.60
56
75
896
330
WB36-1SL_
WB36-1L
1
: 36
0.100 – 45
0.50
25
50
900
180
WB1-1TSL_
WB1-1TL
1
:1
0.100 – 375
0.51
25
100
25
100
30
WB1-6TSL_
WB1-6TL
1
:1
0.050 – 200
0.20
70
150
70
150
18
WB2-1TSL_
WB2-1TL
1
:2
0.070 – 400
1.00
38
100
75
150
29
WB2.5-6TSL_
WB2.5-6TL
1
: 2.5
0.050 – 125
0.28
56
120
140
200
13
WB3-1TSL_
WB3-1TL
1
: 3
0.040 – 500
0.40
96
110
270
200
4.0
WB4-1HSL_
WB4-1HL
1
:4
0.100 – 500
0.50
25
120
100
160
15
WB4-6TSL_
WB4-6TL
1
:4
0.050 – 200
0.50
43
120
172
160
5.0
WB5-1TSL_
WB5-1TL
1
:5
0.050 – 400
0.30
48
220
240
500
13
WB8-1TSL_
WB8-1TL
1
: 8
0.150 – 400
0.76
18
100
144
270
17
WB13-1TSL_
WB13-1TL
1
: 13
0.150 – 125
0.72
17
90
221
200
10
WB16-6TSL_
WB16-6TL
1
: 16
0.050 – 100
0.60
56
75
896
330
25
WBT1-6SL_
WBT1-6L
1
:1
0.040 – 200
0.25
70
150
70
150
19
WBT1.5-1SL_
WBT1.5-1L
1
:1.5
0.040 – 350
0.30
60
150
90
180
19
WBT2.5-6SL_
WBT2.5-6L
1
:2.5
0.050 – 100
0.26
70
150
175
200
11
WBT4-1SL_
WBT4-1L
1
:3
0.040 – 150
0.26
45
120
135
160
13
WBT4-1ASL_
WBT4-1AL
1
:4
0.040 – 350
0.40
96
110
384
220
3.5
WBT16-1SL_
WBT16-1L
1
:16
0.100 – 100
0.50
25
100
400
300
7.5
WBT25-1SL_
WBT25-1L
1
: 25
0.100 – 65
0.50
25
100
625
350
6.0
1. When ordering, please specify
packaging code:
WB25-1SLD
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic tape (500 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter D instead.
2. Impedance ratio is for the full primary winding to the full secondary winding.
3. Inductance measured at 100 kHz, 0.1 V, 0 Adc on an Agilent/HP 4192 or equivalent.
4. DCR measured on a micro-ohmmeter.
5. DC imbalance is the maximum difference in current measured at pins 1 and 3 with the source at pin 2. Inductance drop is 15% at max imbalance.
6. Electrical specifications at 25°C. Measurements are referenced to 50 Ohms.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
6
Pri
Sec
4
3
1
Pri
Sec
6
4
3
2
1
Pri
Sec
6
5
4
3
2
1


Similar Part No. - WB2-1TSL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB2-1TSL COILCRAFT-WB2-1TSL Datasheet
270Kb / 2P
   Wideband Transformers
WB2-1TSLB COILCRAFT-WB2-1TSLB Datasheet
212Kb / 5P
   Wideband Transformers
WB2-1TSLD COILCRAFT-WB2-1TSLD Datasheet
212Kb / 5P
   Wideband Transformers
WB2-1TSLD COILCRAFT-WB2-1TSLD Datasheet
212Kb / 5P
   Wideband Transformers
More results

Similar Description - WB2-1TSL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
   Wideband Transformers
PFD2015_WIDEBAND COILCRAFT-PFD2015_WIDEBAND_15 Datasheet
533Kb / 2P
   Wideband Transformers
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
   Wideband Transformers
WBC1-1TLB COILCRAFT-WBC1-1TLB Datasheet
212Kb / 5P
   Wideband Transformers
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
   Wideband RF Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com