Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ673 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SJ673
Description  Old Company Name in Catalogs and Other Documents
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ673 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SJ673 Datasheet HTML 2Page - Renesas Technology Corp 2SJ673 Datasheet HTML 3Page - Renesas Technology Corp 2SJ673 Datasheet HTML 4Page - Renesas Technology Corp 2SJ673 Datasheet HTML 5Page - Renesas Technology Corp 2SJ673 Datasheet HTML 6Page - Renesas Technology Corp 2SJ673 Datasheet HTML 7Page - Renesas Technology Corp 2SJ673 Datasheet HTML 8Page - Renesas Technology Corp 2SJ673 Datasheet HTML 9Page - Renesas Technology Corp 2SJ673 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet D17210EJ1V0DS
6
2SJ673
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
SINGLE AVALANCHE ENERGY
DERATING FACTOR
-1
-10
-100
-1000
IAS =
−36 A
VDD =
−30 V
RG = 25
VGS =
−20 → 0 V
Starting Tch = 25°C
EAS = 130 mJ
L - Inductive Load - H
0
20
40
60
80
100
25
50
75
100
125
150
VDD =
−30 V
RG = 25
VGS =
−20 → 0 V
IAS
≤ −36 A
Starting Tch - Starting Channel Temperature - °C
1
µ
10
µ
100
µ
1 m
10 m


Similar Part No. - 2SJ673

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ673 RENESAS-2SJ673_15 Datasheet
288Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
More results

Similar Description - 2SJ673

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com