Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SER8052-612MED Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # SER8052-612MED
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER8052-612MED Datasheet(HTML) 2 Page - Coilcraft lnc.

  SER8052-612MED Datasheet HTML 1Page - Coilcraft lnc. SER8052-612MED Datasheet HTML 2Page - Coilcraft lnc. SER8052-612MED Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SER80xxShielded Power Inductors
Document 892-2 Revised 08/21/12
Document 892 -2
High Isat version for high peak current applications
Inductance2
DCR (mOhm)3
SRF typ4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
typ
max
(MHz)
10% drop
20% drop
30% drop
20°C rise 40°C rise
SER8050-201ME_
0.20
2.22
2.50
381
51.04
53.04
53.44
8.71
12.89
SER8050-451ME_
0.45
3.19
3.50
216
29.52
30.32
31.12
7.95
11.72
SER8050-811ME_
0.80
5.35
5.88
125
22.48
24.40
25.20
6.48
9.43
SER8052-122ME_
1.2
6.44
7.20
110
17.42
18.54
19.18
6.03
8.11
SER8052-182ME_
1.8
8.64
9.50
91
13.60
14.56
14.88
5.33
7.94
SER8052-242ME_
2.4
8.64
9.50
76
10.36
11.38
11.80
5.40
7.58
SER8052-332ME_
3.2
13.03
14.33
72
9.02
9.84
10.24
4.43
6.25
SER8052-402ME_
4.0
13.03
14.33
66
7.04
7.84
8.24
4.53
6.30
0.1
1
10
100
0.1
1
100
10
Current (A)
SER8052-103
SER8052-312
SER8050-501
Low DCR version
0.1
1
10
100
0.1
1
100
10
Current (A)
SER8052-402
SER8052-122
SER8050-201
High Isat version
1. When ordering, please specify
termination and packaging code:
SER8052-402MED
Termination: E =
RoHS tin-silver over tin over nickel over phos bronze (pins 1 and 2); Matte tin over nickel over phos bronze (pin 3).
Special order:T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape (250 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked(1000 parts per full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP 4284A or equivalent.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753D network analyzer and an Agilent/HP 16193A test fixture.
5. DC current at 25°C that causes the specified inductance drop from its value without current. Click for temperature derating information.
6. Current that causes the specified temperature rise from 25°C ambient. This information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Typical L vs Current


Similar Part No. - SER8052-612MED

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER8052-612MEB COILCRAFT-SER8052-612MEB Datasheet
162Kb / 4P
   Shielded Power Inductors
SER8052-612MEC COILCRAFT-SER8052-612MEC Datasheet
162Kb / 4P
   Shielded Power Inductors
SER8052-612ME_ COILCRAFT-SER8052-612ME_ Datasheet
196Kb / 3P
   Shielded Power Inductors ??SER80xx
SER8052-612ME_ COILCRAFT-SER8052-612ME_ Datasheet
196Kb / 3P
   Shielded Power Inductors ??SER80xx
More results

Similar Description - SER8052-612MED

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com