Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBT2.5-6L Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # WBT2.5-6L
Description  Wideband Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

WBT2.5-6L Datasheet(HTML) 3 Page - Coilcraft lnc.

  WBT2.5-6L Datasheet HTML 1Page - Coilcraft lnc. WBT2.5-6L Datasheet HTML 2Page - Coilcraft lnc. WBT2.5-6L Datasheet HTML 3Page - Coilcraft lnc. WBT2.5-6L Datasheet HTML 4Page - Coilcraft lnc. WBT2.5-6L Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document 425-3
Document 425-3 Revised 04/27/12
Transformers with no center taps
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WB1-6
3 dB bandwidth: 0.100 – 350 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WB1.5-6
3 dB bandwidth: 0.050 – 325 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WB2.5-6
3 dB bandwidth: 0.080 – 225 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WB4-6
3 dB bandwidth: 0.100 – 125 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WB9-1
3 dB bandwidth: 0.125 – 125 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WB36-1
3 dB bandwidth: 0.100 – 45 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WB1.18-3
3 dB bandwidth: 0.040 – 300 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WB2-1-2W
3 dB bandwidth: 0.080 – 700 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WB1-1
3 dB bandwidth: 0.150 – 500 MHz
0
1
2
3
4
5
1
0.1
0.01
10
100
1000
Frequency (MHz)
WB16-1
3 dB bandwidth: 0.050 – 100 MHz
Attenuation measured on a network analyzer (re: 50 Ohms)


Similar Part No. - WBT2.5-6L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WBT2.5-6L COILCRAFT-WBT2.5-6L Datasheet
270Kb / 2P
   Wideband Transformers
WBT2.5-6L COILCRAFT-WBT2.5-6L Datasheet
212Kb / 5P
   Wideband Transformers
WBT2.5-6L COILCRAFT-WBT2.5-6L Datasheet
212Kb / 5P
   Wideband Transformers
More results

Similar Description - WBT2.5-6L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
   Wideband Transformers
PFD2015_WIDEBAND COILCRAFT-PFD2015_WIDEBAND_15 Datasheet
533Kb / 2P
   Wideband Transformers
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
   Wideband Transformers
WBC1-1TLB COILCRAFT-WBC1-1TLB Datasheet
212Kb / 5P
   Wideband Transformers
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
   Wideband RF Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com