Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SER1410-152MED Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SER1410-152MED
Description  Shielded Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER1410-152MED Datasheet(HTML) 1 Page - Coilcraft lnc.

  SER1410-152MED Datasheet HTML 1Page - Coilcraft lnc. SER1410-152MED Datasheet HTML 2Page - Coilcraft lnc. SER1410-152MED Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SER1412 only
Shielded Power Inductors–SER1400
Document 609-1
Document 609-1 Revised 09/09/15
Designer’s Kit C427 contains 3 each of all values
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Environment RoHS compliant, halogen free
Terminations RoHS compliant tin-silver over copper. Other
terminations available at additional cost.
Ambient temperature –40°C to +125°C with (40°C rise)
Irms current.
Maximum part temperature +165°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +165°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Designed for high current power supply applications
• Flat wire windings provide exceptionally low DCR
• Specially formed terminations provide small footprint
Isat ratings as high as 105.9 A!
1. When ordering, please specify
termination and packaging codes:
SER1410-202MED
Termination: E = RoHS compliant tin-silver over copper.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape.
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter D instead.
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP
4263B LCR meter or equivalent.
3. DCR measured on a Keithley 580 micro-ohmmeter or equivalent.
4. SRF measured using an Agilent/HP 4395A network analyzer and an
Agilent/HP 16193A test fixture.
5. DC current at 25°C that causes the specified inductance drop from its
value without current. Click for temperature derating information.
6. Current that causes the specified temperature rise from 25°C ambient.
This information is for reference only and does not represent absolute
maximum ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
High Isat for high peak current applications
SRF
Isat (A)5
Irms (A)6
Inductance2
DCR typ3 DCR max3
typ4
10%
20%
30%
20°C
40°C
Height max
Part number1
±20% (µH)
(mOhms) (mOhms)
(MHz)
drop
drop
drop
rise
rise
(inches / mm)
SER1412-301ME_
0.30
1.30
1.43
154
87.0
92.8
105.9
30
37
0.498 / 12,66
SER1412-501ME_
0.50
1.30
1.43
122
56.1
59.3
62.5
30
37
0.498 / 12,66
SER1412-681ME_
0.68
1.30
1.43
100
41.2
43.5
45.8
30
37
0.498 / 12,66
SER1412-102ME_
1.0
1.30
1.43
78
28.9
31.0
32.2
30
37
0.498 / 12,66
SER1412-152ME_
1.5
1.30
1.43
62
21.8
23.6
24.6
30
37
0.498 / 12,66
SER1412-202ME_
2.0
1.30
1.43
50
16.9
18.5
19.4
30
37
0.498 / 12,66
SER1412-362ME_
3.6
1.30
1.43
35
9.6
11.2
12.1
30
37
0.498 / 12,66
Low DCR for high average current applications
DCR
DCR
SRF
Isat (A)5
Irms (A)6
Inductance2
typ3
max3
typ4
10%
20%
30%
20°C
40°C
Height max
Part number1
±20% (µH)
(mOhms) (mOhms)
(MHz)
drop
drop
drop
rise
rise
(inches / mm)
SER1408-301ME_
0.30
0.48
0.55
140
43.2
49.6
53.0
38
42
0.325 / 8,26
SER1408-501ME_
0.50
0.48
0.55
83
25.8
29.6
31.4
38
42
0.325 / 8,26
SER1408-681ME_
0.68
0.48
0.55
63
18.8
21.6
23.2
38
42
0.325 / 8,26
SER1408-102ME_
1.0
0.48
0.55
48
12.1
14.2
16.1
38
42
0.325 / 8,26
SER1410-152ME_
1.5
0.90
0.99
53
16.8
18.9
20.3
33
39
0.416 / 10,56
SER1410-202ME_
2.0
0.90
0.99
45
12.1
13.9
15.0
33
39
0.416 / 10,56


Similar Part No. - SER1410-152MED

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER1410-152ME COILCRAFT-SER1410-152ME Datasheet
228Kb / 3P
   SMT Power Inductors
SER1410-152ME COILCRAFT-SER1410-152ME Datasheet
188Kb / 3P
   Shielded Power Inductors
More results

Similar Description - SER1410-152MED

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com