Electronic Components Datasheet Search |
|
TM4EN64KPU Datasheet(PDF) 10 Page - Texas Instruments |
|
TM4EN64KPU Datasheet(HTML) 10 Page - Texas Instruments |
10 / 20 page TM4EN64KPU, TM4EN64NPU 4194304 BY 64BIT TM8EN64KPU, TM8EN64NPU 8388608 BY 64BIT EXTENDEDDATAOUT DYNAMIC RAM MODULES SMMS692 − AUGUST 1997 10 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 capacitance over recommended ranges of supply voltage and ambient temperature, f = 1 MHz (see Note 2) PARAMETER ’4EN64xPU ’8EN64xPU UNIT PARAMETER MIN MAX MIN MAX UNIT Ci(A) Input capacitance, A0 − A12 22 42 pF Ci(OE) Input capacitance, OEx 30 58 pF Ci(CAS) Input capacitance, CASx 9 16 pF Ci(RAS) Input capacitance, RASx 30 30 pF Ci(W) Input capacitance, WEx 30 58 pF Co Output capacitance 9 16 pF Ci/o(SDA) Input/output capacitance, SDA input 9 9 pF Ci(SPD) Input capacitance,SA0,SA1,SA2,SCL inputs 7 7 pF NOTE 2: VDD = NOM supply voltage ± 10%, and the bias on pins under test is 0 V. switching characteristics over recommended ranges of supply voltage and ambient temperature (see Note 3) PARAMETER ’xEN64xPU-40 ’xEN64xPU-50 ’xEN64xPU-60 UNIT PARAMETER MIN MAX MIN MAX MIN MAX UNIT tAA Access time from column address (see Note 4) 20 25 30 ns tCAC Access time from CASx (see Note 4) 11 13 15 ns tCPA Access time from CASx precharge (see Note 4) 22 28 35 ns tRAC Access time from RASx (see Note 4) 40 50 60 ns tOEA Access time from OEx (see Note 4) 11 13 15 ns tCLZ Delay time, CASx to output in low-impedance state 0 0 0 ns tOEZ Output buffer turn off delay from OEx (see Note 5) 3 11 3 13 3 15 ns tREZ Output buffer turn off delay from RASx (see Note 5) 3 11 3 13 3 15 ns tCEZ Output buffer turn off delay from CASx (see Note 5) 3 11 3 13 3 15 ns tWEZ Output buffer turn off delay from WEx (see Note 5) 3 11 3 13 3 15 ns NOTES: 3. With ac parameters, it is assumed that tT = 2 ns. 4. Access times are measured with output reference levels of VOH = 2 V and VOL = 0.8 V. 5. The MAX specifications of tREZ, tCEZ, tWEZ, and tOEZ are specified when the outputs are no longer driven. Data-in should not be driven until one of the applicable maximum values is satisfied. EDO timing requirements ’xEN64xPU-40 ’xEN64xPU-50 ’xEN64xPU-60 UNIT MIN MAX MIN MAX MIN MAX UNIT tHPC Cycle time, EDO page mode, read-write 16 20 25 ns tPRWC Cycle time, EDO read-write 47 57 68 ns tCSH Delay time, RASx active to CASx precharge 32 40 48 ns tCHO Hold time, OEx from CASx 5 5 5 ns tDOH Hold time, output from CASx 5 5 5 ns tCAS Pulse duration, CASx active (see 6 10 000 8 10 000 10 10 000 ns tWPE Pulse duration, WEx active (output disable only) 5 5 5 ns tCP Pulse duration, CASx precharge 6 8 10 ns tOCH Setup time, OEx before CASx 5 5 5 ns tOEP Precharge time, OEx 5 5 5 ns |
Similar Part No. - TM4EN64KPU |
|
Similar Description - TM4EN64KPU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |