Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POE120PL-12LB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # POE120PL-12LB
Description  120 W PoE Planar Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

POE120PL-12LB Datasheet(HTML) 2 Page - Coilcraft lnc.

  POE120PL-12LB Datasheet HTML 1Page - Coilcraft lnc. POE120PL-12LB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
120 W Planar Transformers for PoE – POE120PL
Document 1233-2
Dimensions are in
inches
mm
Document 1233-2 Revised 07/29/15
0.920
23,37
0.050
1,27
0.080
2,03
See height
table
max
2
1
4
5
6
10
8
Dot indicates pin 1
0.800
20,32
Recommended
Land Pattern
0.125
3,175
0.125
3,175
0.090
2,286
0.200
5,08
0.200
5,08
0.310
7,874
0.310
7,874
0.110
2,79
0.080
2,03
2
1
8
10
4
5
6
0.390
9,91
CL
CL
0.820
20,83
max
0.009
0,229
min
0.004 /0,102
CL
Dash
Height max
number
(inches / mm)
-33L
0.407 / 10.34
-50L
0.375 / 9.53
-12L
0.352 / 8.94
-24L
0.380 / 9.64
Optional tape and reel packaging
POE120PL-12: 250/13
″ reel Plastic tape: 44 mm wide, 0.5 mm thick, 32 mm pocket spacing, 9.40 mm pocket depth
POE120PL-24: 200/13
″ reel Plastic tape: 44 mm wide, 0.5 mm thick, 28 mm pocket spacing, 9.98 mm pocket depth
POE120PL-33: 200/13
″ reel Plastic tape: 44 mm wide, 0.5 mm thick, 28 mm pocket spacing, 10.68 mm pocket depth
POE120PL-50: 250/13
″ reel Plastic tape: 44 mm wide, 0.5 mm thick, 32 mm pocket spacing, 9.78 mm pocket depth


Similar Part No. - POE120PL-12LB

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
POE125U-4AT PHIHONG-POE125U-4AT Datasheet
139Kb / 3P
   4 Port IEEE802.3at Midspan
POE125U-4AT-N-R PHIHONG-POE125U-4AT-N-R Datasheet
1Mb / 45P
   Phihong Midspan POE with TCPIP (SNMPv2c)
POE125U-8 PHIHONG-POE125U-8 Datasheet
456Kb / 2P
   8 Port Gigabit Power Over Ethernet Midspan
POE125U-8C PHIHONG-POE125U-8C Datasheet
456Kb / 2P
   8 Port Gigabit Power Over Ethernet Midspan
POE125U-8N PHIHONG-POE125U-8N Datasheet
456Kb / 2P
   8 Port Gigabit Power Over Ethernet Midspan
More results

Similar Description - POE120PL-12LB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
POE600F COILCRAFT-POE600F_15 Datasheet
414Kb / 2P
   60 W PoE Transformers
logo
NIC-Components Corp.
NLTM NIC-NLTM Datasheet
123Kb / 3P
   POE Transformers
logo
Coilcraft lnc.
FA2671-AL COILCRAFT-FA2671-AL Datasheet
191Kb / 1P
   PoE Transformers
DA2420 COILCRAFT-DA2420_13 Datasheet
106Kb / 1P
   PoE Transformers
DA2420-AL COILCRAFT-DA2420-AL Datasheet
81Kb / 1P
   PoE Transformers
POE300F-33L COILCRAFT-POE300F-33L Datasheet
205Kb / 2P
   PoE Plus Transformers
POE60F-18L COILCRAFT-POE60F-18L_13 Datasheet
156Kb / 2P
   Flyback Transformers for PoE
POE60F-18L COILCRAFT-POE60F-18L Datasheet
202Kb / 2P
   Flyback Transformers for PoE
logo
Central Technologies
CTPTF CT-CTPTF Datasheet
554Kb / 3P
   SMD PoE Power Transformers
logo
Bourns Electronic Solut...
POE-FD BOURNS-POE-FD Datasheet
1Mb / 6P
   POE-FD Series - PoE DC/DC Transformers
Mar 31, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com