Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8EN64NPN Datasheet(PDF) 10 Page - Texas Instruments

Part # TM8EN64NPN
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM8EN64NPN Datasheet(HTML) 10 Page - Texas Instruments

Back Button TM8EN64NPN Datasheet HTML 6Page - Texas Instruments TM8EN64NPN Datasheet HTML 7Page - Texas Instruments TM8EN64NPN Datasheet HTML 8Page - Texas Instruments TM8EN64NPN Datasheet HTML 9Page - Texas Instruments TM8EN64NPN Datasheet HTML 10Page - Texas Instruments TM8EN64NPN Datasheet HTML 11Page - Texas Instruments TM8EN64NPN Datasheet HTML 12Page - Texas Instruments TM8EN64NPN Datasheet HTML 13Page - Texas Instruments TM8EN64NPN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TM4EN64KPU, TM4EN64NPU 4194304 BY 64BIT
TM8EN64KPU, TM8EN64NPU 8388608 BY 64BIT
EXTENDEDDATAOUT DYNAMIC RAM MODULES
SMMS692 − AUGUST 1997
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
capacitance
over recommended ranges of supply voltage and ambient temperature,
f = 1 MHz (see Note 2)
PARAMETER
’4EN64xPU
’8EN64xPU
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 − A12
22
42
pF
Ci(OE)
Input capacitance, OEx
30
58
pF
Ci(CAS)
Input capacitance, CASx
9
16
pF
Ci(RAS)
Input capacitance, RASx
30
30
pF
Ci(W)
Input capacitance, WEx
30
58
pF
Co
Output capacitance
9
16
pF
Ci/o(SDA)
Input/output capacitance, SDA input
9
9
pF
Ci(SPD)
Input capacitance,SA0,SA1,SA2,SCL inputs
7
7
pF
NOTE 2: VDD = NOM supply voltage ± 10%, and the bias on pins under test is 0 V.
switching characteristics over recommended ranges of supply voltage and ambient temperature
(see Note 3)
PARAMETER
’xEN64xPU-40
’xEN64xPU-50
’xEN64xPU-60
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tAA
Access time from column address (see Note 4)
20
25
30
ns
tCAC
Access time from CASx (see Note 4)
11
13
15
ns
tCPA
Access time from CASx precharge (see Note 4)
22
28
35
ns
tRAC
Access time from RASx (see Note 4)
40
50
60
ns
tOEA
Access time from OEx (see Note 4)
11
13
15
ns
tCLZ
Delay time, CASx to output in low-impedance state
0
0
0
ns
tOEZ
Output buffer turn off delay from OEx (see Note 5)
3
11
3
13
3
15
ns
tREZ
Output buffer turn off delay from RASx (see Note 5)
3
11
3
13
3
15
ns
tCEZ
Output buffer turn off delay from CASx (see Note 5)
3
11
3
13
3
15
ns
tWEZ
Output buffer turn off delay from WEx (see Note 5)
3
11
3
13
3
15
ns
NOTES:
3. With ac parameters, it is assumed that tT = 2 ns.
4. Access times are measured with output reference levels of VOH = 2 V and VOL = 0.8 V.
5. The MAX specifications of tREZ, tCEZ, tWEZ, and tOEZ are specified when the outputs are no longer driven. Data-in should not be
driven until one of the applicable maximum values is satisfied.
EDO timing requirements
’xEN64xPU-40
’xEN64xPU-50
’xEN64xPU-60
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tHPC
Cycle time, EDO page mode, read-write
16
20
25
ns
tPRWC Cycle time, EDO read-write
47
57
68
ns
tCSH
Delay time, RASx active to CASx precharge
32
40
48
ns
tCHO
Hold time, OEx from CASx
5
5
5
ns
tDOH
Hold time, output from CASx
5
5
5
ns
tCAS
Pulse duration, CASx active (see
6
10 000
8
10 000
10
10 000
ns
tWPE
Pulse duration, WEx active (output disable only)
5
5
5
ns
tCP
Pulse duration, CASx precharge
6
8
10
ns
tOCH
Setup time, OEx before CASx
5
5
5
ns
tOEP
Precharge time, OEx
5
5
5
ns


Similar Part No. - TM8EN64NPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM8EJ64KPU TI1-TM8EJ64KPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
TM8EJ64NPU TI1-TM8EJ64NPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
More results

Similar Description - TM8EN64NPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM4EP64BJN TI-TM4EP64BJN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EP72BJB TI1-TM4EP72BJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
TM4EJ64KPU TI1-TM4EJ64KPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com