Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM8TT72JPN Datasheet(PDF) 11 Page - Texas Instruments

Part # TM8TT72JPN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM8TT72JPN Datasheet(HTML) 11 Page - Texas Instruments

Back Button TM8TT72JPN Datasheet HTML 7Page - Texas Instruments TM8TT72JPN Datasheet HTML 8Page - Texas Instruments TM8TT72JPN Datasheet HTML 9Page - Texas Instruments TM8TT72JPN Datasheet HTML 10Page - Texas Instruments TM8TT72JPN Datasheet HTML 11Page - Texas Instruments TM8TT72JPN Datasheet HTML 12Page - Texas Instruments TM8TT72JPN Datasheet HTML 13Page - Texas Instruments TM8TT72JPN Datasheet HTML 14Page - Texas Instruments TM8TT72JPN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TM8TT64JPN, TM16TT64JPN
TM8TT72JPN, TM16TT72JPN
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS700A − APRIL 1998 − REVISED AUGUST 1998
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
ac timing requirements†‡
’xTTxxJPN-8
’xxTTxxJPN-8A
UNIT
MIN
MAX
MIN
MAX
UNIT
tCK2
Cycle time, CK
CAS latency = 2
10
15
ns
tCK3
Cycle time, CK
CAS latency = 3
8
8
ns
tCH
Pulse duration, CK high
3
3
ns
tCL
Pulse duraction, CK low
3
3
ns
tAC2
Access time, CK high to data out
(see Note 11)
CAS latency = 2
6
7.5
ns
tAC3
Access time, CK high to data out
(see Note 11)
CAS latency = 3
6
6
ns
tOH
Hold time, CK high to data out with 50-pF load
3
3
ns
tLZ
Delay time, CK high to DQ in low-impedance state
(see Note 12)
1
1
ns
tHZ
Delay time, CK high to DQ in high-impedance state
(see Note 13)
8
8
ns
tIS
Setup time, address, control, and data input
2
2
ns
tIH
Hold time, address, control, and data input
1
1
ns
tIH
Hold time, address, control, and data input
1
1
ns
tCESP Power down/self−refresh exit time
8
8
ns
tRAS
Delay time, ACTV command to DEAC or DCAB command
48
100 000
48
ns
tRC
Delay time, ACTV,MRS,REFR,or SLFR to ACTV,MRS,REFR,or SLFR command
68
68
ns
tRCD
Delay time ACTV command to READ,READ−P,WRT,or WRT−P command (see
Note 14)
20
20
ns
tRP
Delay time, DEAC or DCAB command to ACTV,MRS,REFR, or SLFR command
20
20
ns
tRRD
Delay time,ACTV command in one bank to ACTV command in the other bank
16
16
ns
tRSA
Delay time,MRS command to ACTV,MRS,REFR,or SLFR command
16
16
ns
tAPR
Final data out of READ−P operation to ACTV,MRS,SLFR,or REFR command
tRP −(CL−1)*tCK tRP − (CL−1)* tCK
ns
tAPW
Final data in of WRT−P operation to ACTV,MRS,SLFR,or REFR command
tRP + 1 tCK
tRP + 1 tCK
ns
tT
Transition time
1
5
1
5
ms
tREF
Refresh interval
64
64
ms
tREF
Refresh interval
64
64
ms
nCCD
Delay time, READ or WRT command to an interrupting command
1
1
cycles
nCCD
Delay time, READ or WRT command to an interrupting command
1
1
cycles
nCDD
Delay time, CS low or high to input enabled or inhibited
0
0
0
0
cycles
nCLE
Delay time, CKE high or low to CLK enabled or disabled
1
1
1
1
cycles
nCWL
Delay time, final data in of WRT operation to READ, READ-P, WRT, or WRT-P
1
1
cycles
nDID
Delay time, ENBL or MASK command to enabled or masked data in
0
0
0
0
cycles
nDOD
Delay time, ENBL or MASK command to enabled or masked data out
2
2
2
2
cycles
nHZP2
Delay
time,
DEAC
or
DCAB,
command
to
DQ
in
high-impedance state
CAS latency = 2
2
2
cycles
† All references are made to the rising transition of CK unless otherwise noted.
‡ Specifications in this table represent a single SDRAM device.
NOTES: 11. tAC is referenced from the rising transition of CK that precedes the data-out cycle. For example, the first data out tAC is referenced
from the rising transition of CK that is read latency (one cycle after the READ command). Access time is measured at output
reference level 1.4 V.
12. tLZ is measured from the rising transition of CK that is read latency (one cycle after the READ command).
13. tHZ (max) defines the time at which the outputs are no longer driven and is not referenced to output voltage levels.
14. For read or write operations with automatic deactivate, tRCD must be set to satisfy minimum tRAS.


Similar Part No. - TM8TT72JPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM8TT64KPN TI1-TM8TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM8TT72JPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com