Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMDS181I Datasheet(PDF) 11 Page - Texas Instruments

Part # TMDS181I
Description  6 Gbps TMDS Retimer
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS181I Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMDS181I Datasheet HTML 7Page - Texas Instruments TMDS181I Datasheet HTML 8Page - Texas Instruments TMDS181I Datasheet HTML 9Page - Texas Instruments TMDS181I Datasheet HTML 10Page - Texas Instruments TMDS181I Datasheet HTML 11Page - Texas Instruments TMDS181I Datasheet HTML 12Page - Texas Instruments TMDS181I Datasheet HTML 13Page - Texas Instruments TMDS181I Datasheet HTML 14Page - Texas Instruments TMDS181I Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
11
TMDS181, TMDS181I
www.ti.com
SLASE75C – AUGUST 2015 – REVISED JULY 2016
Product Folder Links: TMDS181 TMDS181I
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
The typical rating is simulated at 3.3 V VCC and 1.2 V VDD and at 27°C unless otherwise noted
(2)
The maximum rating is simulated at 3.465 V VCC and 1.27 V VDD and at 85°C unless otherwise noted
6.8 DDC, I
2C, HPD, and ARC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
DDC AND I2C
VI-DC
SCL/SDA_SNK, SCL/SDA_SRC DC
input voltage
–0.3
5.5
V
SCL/SDA_CTL, DC input voltage
–0.3
3.6
V
VIL
SCL/SDA_SNK, SCL/SDA_SRC Low
level input voltage
0.3 x VCC
V
SCL/SDA_CTL Low level input
voltage
0.3 x VCC
V
VIH
SCL/SDA_SNK, SCL/SDA_SRC high
level input voltage
3
V
SCL/SDA_CTL high level input
voltage
0.7 x VCC
V
VOL
SCL/SDA_CTL, SCL/SDA_SRC low
level output voltage
I0 = 3 mA and VCC > 2 V
0.4
V
I0 = 3 mA and VCC < 2 V
0.2 x VCC
fSCL
SCL clock frequency fast I2C mode
for local I2C control
400
kHz
Cbus
Total capacitive load for each bus line
(DDC and local I2C pins)
400
pF
HPD
VIH
High-level input voltage
HPD_SNK
2.1
V
VIL
Low-level input voltage
HPD_SNK
0.8
V
VOH
High-level output voltage
IOH = –500 µA; HPD_SRC,
2.4
3.6
V
VOL
Low-level output voltage
IOL = 500 µA; HPD_SRC,
0
0.1
V
ILEAK
Failsafe condition leakage current
VCC = 0 V; VDD = 0 V; HPD_SNK =
5 V;
40
μA
IH_HPD
High-level input current
Device powered; VIH = 5 V;
IH_HPD includes RpdHPD resistor
current
40
µA
Device powered; VIL = 0.8 V;
IL_HPD includes RpdHPD resistor
current
30
RpdHPD
HPD input termination to GND
VCC = 0 V
150
190
220
k
SPDIF AND ARC
VEL
Operating DC voltage for single mode
ARC output
Test at ARC_OUT, see Figure 22
0
5
V
VIN_DC
Operating DC voltage for SPDIF input
0.05
V
VSP_SW
Signal amplitude of SPDIF input
0.2
0.5
0.6
V
VElSWING
Signal amplitude on the ARC output
Test at ARC_OUT, 55 Ω external
termination resistor, see Figure 22
0.4
0.5
0.6
V
CLK_ARC
Signal frequency on ARC
Test at ARC_OUT, see Figure 22
3.687
5.645
±0.1%
13.517
MHz
Duty cycle
Output clock duty cycle
45%
50%
55%
Data rate
SPDIF input DR
7.373
11.29
27.034
Mbps
tEDGE
Rise/fall time for ARC output
From 10% to 90% voltage level
0.4
UI
R_IN_SPDIF
Input termination resistance for
SPDIF
75
Ω
Rest
Single mode output termination
resistance
0.1 MHz to 128× the maximum
frame rate
36
55
75
Ω


Similar Part No. - TMDS181I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181I TI1-TMDS181I Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
TMDS181IRGZR TI1-TMDS181IRGZR Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
TMDS181IRGZT TI1-TMDS181IRGZT Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
More results

Similar Description - TMDS181I

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMDS181 TI1-TMDS181 Datasheet
1Mb / 58P
[Old version datasheet]   TMDS181x 6 Gbps TMDS Retimer
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_15 Datasheet
1Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
TDP158 TI1-TDP158 Datasheet
1Mb / 55P
[Old version datasheet]   6-Gbps, AC-Coupled to TMDS or HDMI Redriver
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
[Old version datasheet]   25 Gbps Multi-Rate 4-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com