Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL140-110LD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PL140-110LD
Description  SMT Planar Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PL140-110LD Datasheet(HTML) 1 Page - Coilcraft lnc.

  PL140-110LD Datasheet HTML 1Page - Coilcraft lnc. PL140-110LD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT Planar Transformers
Document 417-1
Document 417-1 Revised 03/11/11
1. When ordering, please specify
packaging code:
PL140-114LD
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic tape (200 parts per full reel).
B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use
code letter D instead.
To order a transformer with an optional
auxiliary winding, add an “X” and the turn count after the PL140, e.g. PL140X3-100LB.
Turn counts of 2, 3, 4, 5, 7 and 9 are available for the auxiliary winding. Transformers with auxiliary windings are not stocked.
2. Inductance measured on an Agilent/HP 4284 between pins 2 and 4 at 200 kHz, 0.1 Vrms, 0 Adc.
3. Leakage inductance measured between pins 2 and 4 at 100 kHz, 0.1 Vrms, 0 Adc with all secondary pins shorted.
4. Storage and ambient operating temperature range: –40°C to +85°C.
5. Electrical specifications at 25°C.
The PL140 surface mount planar transformers are rated
for 140 Watts and are designed to operate between
200 kHz and 500 kHz. They are available in 15 turns
ratios and six different schematics, and may be special
ordered with an auxiliary winding.
These transformers are ideal for use in high-current power
supply applications such as open loop intermediate bus
converters(IBC)andclosedloopvoltagemodeconverters.
They are designed for use with nominal
−48V input.Output
voltages depend on the turns ratio, duty cycle and circuit
topology.They offer high efficiency and feature excellent
DCR, very low leakage inductance and 1500Vdc primary
to secondary isolation.
Coilcraft can custom design planar transformers with
different turns ratios to meet your specific requirements.
Coilcraft
Designer’s Kit C390 contains two samples
each of the parts shown in bold. To order, contact Coilcraft,
or visit
http://order.coilcraft.com to purchase on-line.
Schematics
A
B
C
D
E
F
For Applications
up to 140 Watts
Primary
Primary
Leakage
Part
turns
inductance2 inductance3
DCR max (mOhms)
number1
N1
N2
Schem. min (µH)
max (µH)
Primary
Secondary
PL140-100L_
4
4
A
120.0
0.35
12.0 (2-3), 12.0 (3-4)
4.0 (6-10)
PL140-101L_
9
B
152.0
0.35
32.8 (2-4)
4.0 (6-10)
PL140-102L_
5
5
A
188.0
0.35
20.8 (2-3), 20.8 (3-4)
4.0 (6-10)
PL140-103L_
11
B
227.0
0.35
48.8 (2-4)
4.0 (6-10)
PL140-104L_
6
6
A
270.0
0.45
28.0 (2-3), 28.0 (3-4)
4.0 (6-10)
PL140-105L_
4
4
C
120.0
0.35
12.0 (2-3), 12.0 (3-4)
0.5 (6-7), 0.5 (9-10)
PL140-106L_
9
D
152.0
0.35
32.8 (2-4)
0.5 (6-7), 0.5 (9-10)
PL140-107L_
5
5
C
188.0
0.35
20.8 (2-3), 20.8 (3-4)
0.5 (6-7), 0.5 (9-10)
PL140-108L_
11
D
227.0
0.50
48.8 (2-4)
0.5 (6-7), 0.5 (9-10)
PL140-109L_
6
6
C
270.0
0.60
28.0 (2-3), 28.0 (3-4)
0.5 (6-7), 0.5 (9-10)
PL140-110L_
4
4
E
120.0
0.35
12.0 (2-3), 12.0 (3-4)
1.0 (6-8), 1.0 (9-10)
PL140-111L_
9
F
152.0
0.35
32.8 (2-4)
1.0 (6-8), 1.0 (9-10)
PL140-112L_
5
5
E
188.0
0.35
20.8 (2-3), 20.8 (3-4)
1.0 (6-8), 1.0 (9-10)
PL140-113L_
11
F
227.0
0.35
48.8 (2-4)
1.0 (6-8), 1.0 (9-10)
PL140-114L_
6
6
E
270.0
0.45
28.0 (2-3), 28.0 (3-4)
1.0 (6-8), 1.0 (9-10)
8
7
9
6
10
1T
1T
1T
1T
2
4
1
5
N1
N1
N1
Aux
(opt)
8
7
9
6
10
1T
1T
1T
1T
1
5
2
3
4
N1
N2
Aux
(opt)
7
9
6
10
1T
1T
2
3
4
N1
N2
1
5
Aux
(opt)
7
9
6
10
1T
1T
2
4
1
5
Aux
(opt)
8
7
9
6
10
1T
1T
1T
2
3
4
N1
N2
1
5
Aux
(opt)
8
7
9
6
10
1T
1T
1T
2
4
1
5
Aux
(opt)


Similar Part No. - PL140-110LD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PL140-110L COILCRAFT-PL140-110L Datasheet
160Kb / 2P
   SMT Planar Transformers
More results

Similar Description - PL140-110LD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PL160 COILCRAFT-PL160_16 Datasheet
157Kb / 2P
   SMT Planar Transformers
PL300 COILCRAFT-PL300_15 Datasheet
471Kb / 2P
   SMT Planar Transformers
PL140-100L COILCRAFT-PL140-100L Datasheet
160Kb / 2P
   SMT Planar Transformers
logo
MPS Industries, Inc.
PI25T MPSIND-PI25T Datasheet
520Kb / 1P
   SMT HIGH CURRENT PLANAR TRANSFORMERS
logo
Dongguan Mentech Optica...
TPEIR25-0179SG MNC-TPEIR25-0179SG Datasheet
262Kb / 1P
   PLANAR TRANSFORMERS
logo
Bourns Electronic Solut...
PLN BOURNS-PLN Datasheet
859Kb / 4P
   Planar Transformers
Mar 31, 2015
logo
Pulse A Technitrol Comp...
PA0648NL PULSE-PA0648NL Datasheet
78Kb / 1P
   SMT TRANSFORMERS
logo
Dongguan Mentech Optica...
TPEIR19-0150SG MNC-TPEIR19-0150SG Datasheet
277Kb / 1P
   PLANAR TRANSFORMERS
TPER30-0010SG MNC-TPER30-0010SG Datasheet
249Kb / 1P
   PLANAR TRANSFORMERS
logo
Frontier Electronics.
PT FRONTIER-PT Datasheet
182Kb / 2P
   PLANAR TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com