Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP122AIDBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP122AIDBVR
Description  1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP122AIDBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP122AIDBVR Datasheet HTML 2Page - Texas Instruments TMP122AIDBVR Datasheet HTML 3Page - Texas Instruments TMP122AIDBVR Datasheet HTML 4Page - Texas Instruments TMP122AIDBVR Datasheet HTML 5Page - Texas Instruments TMP122AIDBVR Datasheet HTML 6Page - Texas Instruments TMP122AIDBVR Datasheet HTML 7Page - Texas Instruments TMP122AIDBVR Datasheet HTML 8Page - Texas Instruments TMP122AIDBVR Datasheet HTML 9Page - Texas Instruments TMP122AIDBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TMP122, TMP124
6
SBOS272B
www.ti.com
FIGURE 3. READ followed by WRITE COMMAND to TLOW/THIGH Register.
SO/I
SCK
SCK
CS
Z
Z
1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
SO/I
NOTE: (1) 0 indicates T
LOW register, 1 indicates THIGH register.
CS
0
0/1(1)
1
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
SO/I
16-Bit
READ
(Continued)
...
16-Bit
WRITE/
Embedded
Address
CS
...
SO/I
CS
SCK
SCK
Z
Z
1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
SO/I
CS
0
1
0
TM0
TM1
POL
F0
F1
R0
R1
D0
D1
0
0
0
0
SO/I
16-Bit
READ
16-Bit
WRITE/
Embedded
Address
CS
...
(Continued)
...
SO/I
CS
Z
Z
1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
SO/I
CS
Z
Z
1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
SO/I
CS
0
0
0
P0
P1
0
0
0
0
0
0
0
0
0
0
1
SO/I
16-Bit
READ
16-Bit
READ
COMMAND
16-Bit
Response
CS
...
(Continued)
...
...
(Continued)
...
SCK
SCK
SCK
SO/I
CS
Z
Z
1
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
SO/I
16-Bit
READ
CS
SCK
FIGURE 4. READ followed by WRITE COMMAND to Configuration Register.
FIGURE 5. READ followed by READ COMMAND and Response.
FIGURE 6. Data READ.


Similar Part No. - TMP122AIDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP122AIDBVR BURR-BROWN-TMP122AIDBVR Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
More results

Similar Description - TMP122AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
556Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com