Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9120DY-T1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9120DY-T1
Description  Universal Input Switchmode Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9120DY-T1 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9120DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI9120DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI9120DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI9120DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI9120DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI9120DY-T1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Si9120
Vishay Siliconix
Document Number: 70006
S-42042—Rev. H, 15-Nov-04
www.vishay.com
3
SPECIFICATIONSa
Specific Test Conditions
DISCHARGE = −VIN = 0 V,
LIMITS
D Suffix −40 to 85_C
Parameter
Symbol
DISCHARGE = −VIN = 0 V,
VCC = 10 V +VIN = 300 V
RBIAS = 390 kW, ROSC = 330 kW
TEMPB
MINC
TYPD
MAXC
Unit
Error Amplifier (Cont’d)
Dynamic Output Impedancee
ZOUT
Error Amp configured for 60 dB gain
Room
1000
2000
W
Output Current
IOUT
Source VFB = 3.4 V
Room
−2.0
−1.4
mA
Output Current
IOUT
Sink VFB = 4.5 V
Room
0.12
0.15
mA
Power Supply Rejection
PSRR
9.5 V v VCC v 13.5 V
Room
50
70
dB
Current Limit
Threshold Voltage
VSOURCE
VFB = 0 V
Room
1.0
1.2
1.4
V
Delay to Outpute
td
VSENSE = 1.5 V, See Figure 1
Room
100
150
ns
Pre-Regulator/Start-Up
Input Voltage
+VIN
IIN = 10 mA
Room
450
V
Input Leakage Current
+IIN
VCC w 9.4 V
Room
10
mA
VCC Pre-Regulator Turn-Off Threshold
Voltage
VREG
IPRE-REGULATOR = 10 mA
Room
7.8
8.6
9.4
V
Undervoltage Lockout
VUVLO
Room
7.0
8.1
8.9
V
VREG −VUVLO
VDELTA
Room
0.3
0.6
Supply
Supply Current
ICC
CL = 500 pF at Pin 5
Room
0.85
1.5
mA
Bias Current
IBIAS
Room
10
15
20
mA
Logic
SHUTDOWN Delaye
tSD
CL = 500 pF, VSENSE = −VIN
See Figure 2
Room
50
100
SHUTDOWN Pulse Widthe
tSW
Room
50
ns
RESET Pulse Widthe
tRW
See Figure 3
Room
50
ns
Latching Pulse Width
SHUTDOWN and RESET Lowe
tLW
See Figure 3
Room
25
Input Low Voltage
VIL
Room
2.0
V
Input High Voltage
VIH
Room
8.0
V
Input Current Input Voltage High
IIH
VIN = 10 V
Room
1
5
mA
Input Current Input Voltage Low
IIL
VIN = 0 V
Room
−35
−25
mA
Output
Output High Voltage
VOH
IOUT = −10 mA
Room
Full
9.7
9.5
V
Output Low Voltage
VOL
IOUT = 10 mA
Room
Full
0.3
0.5
V
Output Resistance
ROUT
IOUT = 10 mA, Source or Sink
Room
Full
20
25
30
50
W
Rise Timee
tr
CL = 500 pF
Room
40
75
ns
Fall Timee
tf
CL = 500 pF
Room
40
75
ns
Notes
a.
Refer to PROCESS OPTION FLOWCHART for additional information.
b.
Room = 25_C, Cold and Hot = as determined by the operating temperature suffix.
c.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e.
Guaranteed by design, not subject to production test.
a.
250 V v +VIN 380 V place a 10-kW, 1/4-W resistor in series with a +VIN (Pin1).
380 V v +VIN 450 V place a 15-kW, 1/4-W resistor in series with a +VIN (Pin1).
Connect a 0.01-mfd capacitor between +VIN (Pin 1) and −VIN (Pin 6).


Similar Part No. - SI9120DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9120 VISHAY-SI9120 Datasheet
170Kb / 9P
   Universal Input Switchmode Controller
01-Jan-2022
SI9120 VISHAY-SI9120_V01 Datasheet
170Kb / 9P
   Universal Input Switchmode Controller
01-Jan-2022
More results

Similar Description - SI9120DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9120 VISHAY-SI9120_V01 Datasheet
170Kb / 9P
   Universal Input Switchmode Controller
01-Jan-2022
logo
List of Unclassifed Man...
GT-100 ETC2-GT-100 Datasheet
220Kb / 2P
   100 Watts, Switchmode Power Supply, Single Output, Enclosed, Universal Input
logo
Vishay Siliconix
SI9145 VISHAY-SI9145_V01 Datasheet
214Kb / 14P
   Low-Voltage Switchmode Controller
01-Jan-2022
SI9114A VISHAY-SI9114A Datasheet
80Kb / 5P
   High-Frequency Switchmode Controller
Rev. E, 15-Nov-04
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
SI9145 VISHAY-SI9145 Datasheet
74Kb / 10P
   Low-Voltage Switchmode Controller
Rev. K, 19-Apr-04
SI9114A VISHAY-SI9114A_V01 Datasheet
169Kb / 8P
   High-Frequency Switchmode Controller
01-Jan-2022
logo
Emerson Network Power
LPT25 EMERSON-NETWORKPOWER-LPT25 Datasheet
102Kb / 3P
   Universal input
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
   Universal input
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com