Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POE13P-33LB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # POE13P-33LB
Description  Flyback Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

POE13P-33LB Datasheet(HTML) 1 Page - Coilcraft lnc.

  POE13P-33LB Datasheet HTML 1Page - Coilcraft lnc. POE13P-33LB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flyback Transformers
Document 460-1
For 3 Watt, 7 Watt and 13 Watt
PoE Applications
Inductance Inductance
Leakage
Part
Power
at 0 A2
at Ipk3
DCR max (Ohms)4 inductance
Turns ratio6
Ipk3
number1
(W)
±10% (µH)
min (µH) pri
bias
sec
max (µH)5 pri : sec pri : bias
(A)
Output7
POE30P-33L_
3
310
279.0
1.02
2.01
0.066
4.75
1
: 0.19
1
: 0.70
0.3
3.3 V, 0.91 A
POE30P-50L_
3
310
279.0
1.02
2.01
0.118
4.50
1
: 0.28
1
: 0.70
0.3
5.0 V, 0.6 A
POE30P-12L_
3
310
279.0
1.04
2.01
0.700
4.25
1
: 0.70
1
: 0.70
0.3
12 V, 0.25 A
POE70P-33L_
7
155
139.5
0.414
0.822
0.036
4.00
1
: 0.19
1
: 0.667
0.65 3.3 V, 2.12 A
POE70P-50L_
7
155
139.5
0.414
0.822
0.060
3.60
1
: 0.262
1
: 0.667
0.65
5.0 V, 1.4 A
POE70P-12L_
7
155
139.5
0.414
0.822
0.343
3.25
1
: 0.667
1
: 0.667
0.65
12 V, 0.6 A
POE13P-33L_
13
127
114.3
0.255
0.310
0.024
1.25
1
: 0.166
1
: 0.50
1.0
3.3 V, 4.0 A
POE13P-50L_
13
127
114.3
0.222
0.348
0.039
0.950
1
: 0.25
1
: 0.50
1.0
5.0 V, 2.6 A
POE13P-12L_
13
127
114.3
0.199
0.308
0.065
0.650
1
: 0.50
1
: 0.50
1.0
12 V, 1.08 A
POE13P-19L_
13
127
114.3
0.290
0.355
0.066
0.800
1
: 0.567
1
: 0.50
1.0
19.5 V, 0.67 A
POE13P-24L_
13
127
114.3
0.255
0.315
0.067
0.600
1
: 0.667
1
: 0.50
1.0
24 V, 0.54 A
1. When ordering, please specify
packaging code:
POE30P-12LD
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape.
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
2. Inductance is for the primary, measured at 250 kHz, 0.1 Vrms, 0 Adc.
3. Ipk is peak primary current drawn at minimum input voltage.
4. DCR for the secondary is per winding.
5. Leakage inductance measured between pins 3 and 4 with all other pins
shorted.
6. Turns ratio is with the secondary windings connected in parallel.
7. Output of the secondary is with the windings connected in parallel. Bias
winding output is 12 V, 20 mA.
8. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
4
1
3
2
8
6
Bias
Pri
Sec
5
7
4
1
3
2
10
8
Bias
Pri
Sec
7
9
Schematics
POE13P
POE70P, POE30P
Secondary windings to be con-
nected in parallel on PC board
Secondary windings to be con-
nected in parallel on PC board
• Flyback transformers for PoE applications
• Designed to operate in continuous mode at 250 kHz with an
input of 36–72 Vdc
• 1500Vrms,oneminuteisolationfromprimaryandbiastosecond-
ary; 500 Vrms, 1 minute isolation between all other windings
Designer’s Kit C395 contains two of each part shown in bold
Core material Ferrite
Terminations RoHS tin-silver over tin over nickel over phos bronze.
Other terminations available at additional cost.
Weight POE13P: 6.15 g; POE70P: 3.85 g; POE30P: 2.05 g
Ambient temperature –40°C to +85°C
Storage temperature Component: –40°C to +85°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
Document 460-1 Revised 05/04/12


Similar Part No. - POE13P-33LB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
POE13P-33L COILCRAFT-POE13P-33L Datasheet
243Kb / 2P
   Flyback Transformers
More results

Similar Description - POE13P-33LB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
A9619-CL COILCRAFT-A9619-CL Datasheet
133Kb / 1P
   Flyback Transformers
GA3429-BL COILCRAFT-GA3429-BL Datasheet
177Kb / 1P
   Flyback Transformers
logo
MPS Industries, Inc.
P613P MPSIND-P613P Datasheet
462Kb / 1P
   FLYBACK TRANSFORMERS
logo
Coilcraft lnc.
POE300F-33LB COILCRAFT-POE300F-33LB Datasheet
115Kb / 2P
   Flyback Transformers
FA2925-ALD COILCRAFT-FA2925-ALD Datasheet
128Kb / 1P
   Flyback Transformers
HA3691 COILCRAFT-HA3691_13 Datasheet
128Kb / 1P
   Flyback Transformers
GA3430 COILCRAFT-GA3430_10 Datasheet
75Kb / 1P
   Flyback Transformers
HA3585 COILCRAFT-HA3585_13 Datasheet
101Kb / 1P
   Flyback Transformers
C1173-AL COILCRAFT-C1173-AL Datasheet
182Kb / 1P
   Flyback Transformers
FA2469-AL COILCRAFT-FA2469-AL Datasheet
174Kb / 1P
   Flyback Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com