Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS34094 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS34094
Description  ISA BUS INTERFACE
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS34094 Datasheet(HTML) 1 Page - Texas Instruments

  TMS34094 Datasheet HTML 1Page - Texas Instruments TMS34094 Datasheet HTML 2Page - Texas Instruments TMS34094 Datasheet HTML 3Page - Texas Instruments TMS34094 Datasheet HTML 4Page - Texas Instruments TMS34094 Datasheet HTML 5Page - Texas Instruments TMS34094 Datasheet HTML 6Page - Texas Instruments TMS34094 Datasheet HTML 7Page - Texas Instruments TMS34094 Datasheet HTML 8Page - Texas Instruments TMS34094 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TMS34094
ISA BUS INTERFACE
SPVS006A – FEBRUARY 1992 – REVISED JUNE 1992
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
1
Copyright
© 1992, Texas Instruments Incorpo-
rated
PRODUCTION DATA information is current as of publication
date. Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does
not necessarily include testing of all parameters.
Simplifies Design of High-Performance ISA
PC Graphics Systems
Single-Integrated Circuit Interfaces
TMS34020 to ISA Bus
Conforms to ISA Portions of the EISA
Rev. 3.11 Specifications
Internal Data Bus Transceivers
Register Configurable I/O Mapped or
Memory-Mapped Interface
Register Configurable as an 8- or 16-Bit ISA
Memory-Mapped Device
Configurable TMS34020 Address Space
Decoding
– VRAM Shift Register Transfer Decoding
– VRAM Mask Write and VRAM Color
Register Write Access Decoding
VGA Passthrough Support
Operating Free-Air Temperature
... 0
°C to 55°C
description
The TMS34094 ISA Bus Interface device, a peripheral device for the TMS34020 Graphics Processor, facilitates
the design of a high-performance graphics system for use in an ISA Bus-compatible PC. The device decodes
ISA Bus cycles and controls the TMS34020 host interface to enable read and write accesses to the TMS34020’s
local memory. In addition, the TMS34094 allows the host to access the TMS34020’s local memory via either
I/O-mapped or memory-mapped ISA Bus accesses. The capability is software configurable, simplifying design
and reducing system cost.
I/O mapped interface
The I/O mapped interface defines three I/O locations which facilitate access to the entire range of TMS34020
local memory. Two registers are used together to provide a 28-bit address to the TMS34020. The third register
acts as the data port between the ISA Bus and TMS34020 local memory. This set of three registers supports
the TMS34020’s autoincrement modes which reduce data transfer overhead. For simplifying interrupt routines,
the TMS34094 also provides read back of the address for the next host access.
memory-mapped interface
The memory-mapped interface provides four highly configurable windows between host memory space and
TMS34020 memory space. Each window has four individually configurable attributes. These include: response
as either an 8-bit or 16-bit device; begin address in the memory map of the host; begin address in the memory
map of the TMS34020; and size. Size may range from 8K bytes to 4M bytes.
1
40
160
121
41
80
120
81
160-PIN PC PLASTIC QUAD-FLAT
PACKAGE (EIAJ)
(TOP VIEW)


Similar Part No. - TMS34094

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS340 TI-TMS340 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010-40 TI-TMS34010-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010-50 TI-TMS34010-50 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results

Similar Description - TMS34094

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP34094 TI1-TMP34094 Datasheet
322Kb / 38P
[Old version datasheet]   ISA BUS INTERFACE
logo
Hirose Electric
MCR60A-98D-2.54DS HIROSE-MCR60A-98D-2.54DS Datasheet
216Kb / 5P
   ISA Bus (AT bus)
logo
Intel Corporation
82344 INTEL-82344 Datasheet
911Kb / 13P
   ISA BUS CONTROLLER
logo
BOSER Technology Co., L...
HS-3000 BOSER-HS-3000 Datasheet
846Kb / 46P
   386 ISA Bus SBC
logo
Advantech Co., Ltd.
PCA-6108 ADVANTECH-PCA-6108 Datasheet
128Kb / 1P
   ISA-bus Passive Backplane
20-Mar-2006
logo
Axiomtek Co., Ltd.
ETM620 AXIOMTEK-ETM620 Datasheet
224Kb / 1P
   3 PCI Bus master, ISA Bus supported
ETM710 AXIOMTEK-ETM710 Datasheet
202Kb / 1P
   4 PCI Bus master, ISA Bus supported
ETM831 AXIOMTEK-ETM831 Datasheet
259Kb / 1P
   4 PCI Bus master, ISA Bus supported
logo
Intel Corporation
82595FX INTEL-82595FX Datasheet
643Kb / 54P
   ISA BUS HIGH INTEGRATION ETHERNET CONTROLLER
logo
List of Unclassifed Man...
TGUI9440-2 ETC1-TGUI9440-2 Datasheet
506Kb / 3P
   TGUI9440-2 With Future ISA Bus Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com