Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFL2015-682MEB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PFL2015-682MEB
Description  Shielded Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFL2015-682MEB Datasheet(HTML) 1 Page - Coilcraft lnc.

  PFL2015-682MEB Datasheet HTML 1Page - Coilcraft lnc. PFL2015-682MEB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shielded Power Inductors–PFL2015
Document 876-1
Document 876-1 Revised 09/13/15
• Low cost, low profile 0805 size power inductor
• Can handle current of much larger inductors; up to 1900 mA
Inductance2
DCR (mOhms)3
SRF typ4
Isat (mA)5
Irms (mA)6
Part number1
±20% (µH)
typ
max
(MHz)
10% drop
20% drop
30% drop
20°C rise
40°C rise
PFL2015-561ME_
0.56
60
70
600
1300
1600
1900
1300
1800
PFL2015-681ME_
0.68
62
75
460
1200
1600
1800
1100
1500
PFL2015-102ME_
1.0
110
130
450
900
1200
1400
940
1200
PFL2015-222ME_
2.2
175
210
100
640
840
1050
770
1000
PFL2015-332ME_
3.3
255
280
60
480
650
720
700
900
PFL2015-472ME_
4.7
275
340
50
450
620
700
600
770
PFL2015-682ME_
6.8
340
400
40
380
520
600
520
680
Core material Composite
Core and winding loss See www.coilcraft.com/coreloss
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over silver-
platinum-glass frit. Other terminations available at additional cost.
Weight 14.1 mg
Ambient temperature –40°C to +85°C with (40°C rise)
Irms current.
Maximum part temperature +125°C (ambient + temp rise). Derating.
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel. Plastic tape: 8 mm wide,
0.23 mm thick, 4 mm pocket spacing, 1.63 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
1. When ordering, please specify
termination and packaging codes:
PFL2015-682MEC
Termination: E = RoHS compliant matte tin over nickel over silver.
Special order, added cost:
Q = RoHS tin-silver-copper (95.5/4/0.5) or P = non-RoHS tin-lead (63/37).
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (7500 parts per full reel).
2. Inductance tested at 7.9 MHz, 0.1 Vrms using a Coilcraft SMD-A test fixture with an Agilent/HP 4286 impedance analyzer and Coilcraft-provided cor-
relation pieces.
3. DCR measured using a micro-ohmmeter.
4. SRF measured using an Agilent/HP 8753D network analyzer and a Coilcraft SMD-D test fixture.
5. DC current at 25°C that causes the specified inductance drop from its value without current. Click for temperature derating information.
6. Current that causes the specified temperature rise from 25°C ambient. This information is for reference only and does not represent absolute maximum
ratings. Click for temperature derating information.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.


Similar Part No. - PFL2015-682MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PFL2010-102MEB COILCRAFT-PFL2010-102MEB Datasheet
202Kb / 1P
   Kit Contents for C433 PFL1609 and PFL2010 Power Inductors 11 values, 20 of each
PFL2010-102MEB COILCRAFT-PFL2010-102MEB Datasheet
389Kb / 2P
   Shielded Power Inductors
PFL2010-102MEC COILCRAFT-PFL2010-102MEC Datasheet
389Kb / 2P
   Shielded Power Inductors
PFL2010-102MED COILCRAFT-PFL2010-102MED Datasheet
389Kb / 2P
   Shielded Power Inductors
PFL2010-222MEB COILCRAFT-PFL2010-222MEB Datasheet
202Kb / 1P
   Kit Contents for C433 PFL1609 and PFL2010 Power Inductors 11 values, 20 of each
More results

Similar Description - PFL2015-682MEB

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
   Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
   Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
   Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
   Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
   Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
   Power Inductors - Shielded
CTDS5022 CT-CTDS5022 Datasheet
229Kb / 1P
   Power Inductors - Shielded
logo
Coilcraft lnc.
LPS3314 COILCRAFT-LPS3314 Datasheet
205Kb / 2P
   Shielded Power Inductors
LPS4012-331ML COILCRAFT-LPS4012-331ML Datasheet
212Kb / 2P
   Shielded Power Inductors
LPS5030-901ML COILCRAFT-LPS5030-901ML Datasheet
210Kb / 2P
   Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com