Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFD2015-102MEB Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # PFD2015-102MEB
Description  Common Mode Chokes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFD2015-102MEB Datasheet(HTML) 1 Page - Coilcraft lnc.

  PFD2015-102MEB Datasheet HTML 1Page - Coilcraft lnc. PFD2015-102MEB Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
Document 1005C-1 Revised 09/08/15
Document 1005C-1
Core material Ferrite
Environmental RoHS compliant, halogen free
Weight 13 – 23 mg
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Ambient temperature –40°C to +125°C
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel Plastic tape: 8 mm wide,
0.23 mm thick, 4 mm pocket spacing, 1.63 mm pocket depth
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
Dimensions are in inches
mm
2
1
4
3
CommonModeChokes–PFD2015
1. When ordering, please specify
packaging code:
PFD2015-103MEC
Packaging: C = 7
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use
code letter D instead.
D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape. Factory order only, not stocked (7500 parts per
full reel).
2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc on an Agilent/HP
4284A LCR meter or equivalent.
3. DCR is for each winding.
4. Interwinding isolation for one minute
5. Current that causes a 40°C temperature rise from 25°C ambient.
6. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• Miniature surface mount component, only 2.2 × 1.45 mm
footprint and 1.5 mm tall
• Eliminates virtually all common mode noise
• Designed for high-speed applications
• Nine values to meet your specific requirements
• Low DCR values
0.059
1,5
max
max
0.060
1,52
0.017
0,432
0.044
1,118
0.028
0,711
0.016
0,406
0.022
0,559
0.054
1,36
0.014 ±0.003
0,356 ±0,076
0.010
0,25
Recommended
Land Pattern
max
0.090
2,29
12
4
3
1
2
4
3
DCR
Inductance2
max3
Isolation4
Irms5
Part number1
min (µH)
(Ohms)
(Vrms)
(A)
PFD2015-102ME_
0.80
0.165
250
0.800
PFD2015-122ME_
0.96
0.175
250
0.750
PFD2015-182ME_
1.44
0.294
250
0.490
PFD2015-272ME_
2.16
0.477
250
0.410
PFD2015-332ME_
2.64
0.670
250
0.370
PFD2015-472ME_
3.76
1.00
250
0.260
PFD2015-682ME_
5.44
1.75
250
0.187
PFD2015-822ME_
6.56
2.50
250
0.150
PFD2015-103ME_
8.00
3.40
250
0.130


Similar Part No. - PFD2015-102MEB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PFD2015-102MEB COILCRAFT-PFD2015-102MEB Datasheet
533Kb / 2P
   Wideband Transformers
More results

Similar Description - PFD2015-102MEB

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0093-AD3 XFMRS-XF0093-AD3 Datasheet
37Kb / 1P
   COMMON MODE CHOKES
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
   COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
   COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
T8114NLT PULSE-T8114NLT Datasheet
401Kb / 2P
   Common Mode Chokes
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
   Common-Mode Chokes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com