Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4050V-01L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # CS4050V-01L
Description  Current Sense Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CS4050V-01L Datasheet(HTML) 1 Page - Coilcraft lnc.

  CS4050V-01L Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Current Sense Transformers
Document 132
Document 132 Revised 06/25/15
These low cost Coilcraft current sensing transformers
are designed for use up to 1 MHz. They incorporate the
current and sense windings in one small, encapsulated
package requiring minimum board space.
Coilcraft current sensing transformers are designed to
meet UL/CSA/IEC 60950 Reinforced Insulation specifi-
cation and provide 3 mm creepage/clearance between
primary and secondary windings. Winding to winding
isolation (hipot) is 3750 Vrms, tested for one minute.
Applications include feedback control, overload sensing,
detecting load drop or shutdown, and proportional output.
Coilcraft
Designer’s Kit P403 contains the three stan-
dard current sensing transformers, sensor-only versions
of each, plus two 50/60Hz current sensors. To order,
contact Coilcraft or visit
http://order.coilcraft.com.
DCR max
Frequency
Volt-time
Sensed
Terminating
Turns (N)
Inductance1
(Ohms)
range
product2
current Iin
resistance RT3
Part number
pri : sec
min (mH)
pri
sec
(kHz)
(Vµsec)
max (A)
(Ohms)
CS4050V-01L
1 :50
5
0.001
0.7
3 – 1000
149
35
1.4
CS4100V-01L
1 :100
20
0.001
1.4
2 – 1000
298
35
2.9
CS4200V-01L
1 :200
80
0.001
4.0
1 – 1000
596
35
5.7
CS4 0V-AL
xx
XXXX Y
max
0.75
19,05
0.105/0.150
2,67/3,81
0.77
19,56
0.03
0,76
Internal
code
0.40 ±0.01
10,16 ±0,25
4
4
1
1
2
2
3
3
max
CL
CL
max
0.57
14,48
0.052
1,321
0.041
1,041
0.069
1,76
0.088
2,23
Recommended PC Board Layout
(viewed from top)
0.20 ±0.005
5,08 ±0,125
0.30 ±0.005
7,62 ±0,125
0.060 × 0.460
1,52 × 11,68
Weight:
8.8 – 9.3 g
Terminations: Tin-silver over copper
Packaging:
29 per tube
1. Inductance is for the secondary, measured at 15.75 kHz, 1 Vrms.
2. Volt-time product is for the secondary, based on 2000 Gauss.
3. Terminating resistance (RT) value is based on 1 Volt output with 35 Amps
flowing through the primary. Varying terminating resistance increases or
decreases output Voltage/Ampere according to the following equation:
RT = Vout × Nsec /
Iin
3
Sec
(N turns)
Pri
(1 turn)
2
1
4
RT Vout
Iin
Typical Circuit
4. Ambient temperature range –40°C to +85°C.
5. Electrical specifications at 25°C.


Similar Part No. - CS4050V-01L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
   Current Sensing Transformers
More results

Similar Description - CS4050V-01L

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
   Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST7030 COILCRAFT-CST7030 Datasheet
173Kb / 2P
   Current Sense Transformers
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
   Current Sense Transformers
logo
PCA ELECTRONICS INC.
EP151XXX PCA-EP151XXX_15 Datasheet
22Kb / 1P
   Current Sense Transformers
logo
TRIAD MAGNETICS
CST-1025 TRIAD-CST-1025 Datasheet
86Kb / 1P
   Current Sense Transformers
logo
Coilcraft lnc.
CST4835 COILCRAFT-CST4835 Datasheet
273Kb / 2P
   Current Sense Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com