Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5228BW Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # MMBZ5228BW
Description  200mW Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMBZ5228BW Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MMBZ5228BW Datasheet HTML 1Page - Diode Semiconductor Korea MMBZ5228BW Datasheet HTML 2Page - Diode Semiconductor Korea MMBZ5228BW Datasheet HTML 3Page - Diode Semiconductor Korea MMBZ5228BW Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
200mW Surface Mount Zener Diode
MMBZ5221BW-5259BW
Zerner Voltage Range
Maximum Zener Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK=0.25mA
IR
VR
Type Number
Marking
Code
Nom(V)
Min(V)
Max(V)
(mA)
(Ω)
(μA)
(V)
MMBZ5221BW
KC1
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5222BW
KC2
2.5
2.38
2.63
20
30
1250
100
1.0
MMBZ5223BW
KC3
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225BW
KC5
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226BW
KG1
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227BW
KG2
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228BW
KG3
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229BW
KG4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230BW
KG5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMBZ5231BW
KE1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232BW
KE2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5233BW
KE3
6.0
5.7
6.30
20
7
1600
5.0
3.5
MMBZ5234BW
KE4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMBZ5235BW
KE5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMBZ5236BW
KF1
7.5
7.13
7.88
20
6
500
3.0
6.0
MMBZ5237BW
KF2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMBZ5238BW
KF3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMBZ5239BW
KF4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMBZ5240BW
KF5
10
9.5
10.50
20
17
600
3.0
8.0
MMBZ5241BW
KH1
11
10.45
11.55
20
22
600
2.0
8.4
MMBZ5242BW
KH2
12
11.40
12.60
20
30
600
1.0
9.1
MMBZ5243BW
KH3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMBZ5245BW
KH5
15
14.25
15.75
8.5
16
600
0.1
11
MMBZ5246BW
KJ1
16
15.20
16.80
7.8
17
600
0.1
12
MMBZ5248BW
KJ3
18
17.1
18.90
7.0
21
600
0.1
14
MMBZ5250BW
KJ5
20
19.00
21.00
6.2
25
600
0.1
15
MMBZ5251BW
KK1
22
20.90
23.10
5.6
29
600
0.1
17
MMBZ5252BW
KK2
24
22.80
25.20
5.2
33
600
0.1
18
MMBZ5254BW
KK4
27
25.65
28.35
5.0
41
600
0.1
21
MMBZ5255BW
KK5
28
26.60
29.40
4.5
44
600
0.1
21
MMBZ5256BW
KM1
30
28.50
31.50
4.2
49
600
0.1
23
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - MMBZ5228BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5228BW PANJIT-MMBZ5228BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Jiangsu Changjiang Elec...
MMBZ5228BW JIANGSU-MMBZ5228BW Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
MMBZ5228BW DIODES-MMBZ5228BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Micro Commercial Compon...
MMBZ5228BW MCC-MMBZ5228BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
logo
Weitron Technology
MMBZ5228BW WEITRON-MMBZ5228BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - MMBZ5228BW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com