Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5228BW Datasheet(PDF) 3 Page - Diode Semiconductor Korea

Part # MMBZ5228BW
Description  200mW Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMBZ5228BW Datasheet(HTML) 3 Page - Diode Semiconductor Korea

  MMBZ5228BW Datasheet HTML 1Page - Diode Semiconductor Korea MMBZ5228BW Datasheet HTML 2Page - Diode Semiconductor Korea MMBZ5228BW Datasheet HTML 3Page - Diode Semiconductor Korea MMBZ5228BW Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
200mW Surface Mount Zener Diode
MMBZ5221BW-5259BW
Zerner Voltage Range
Maximum Zener Impedance
Maximum Reverse
Leakage Current
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK=0.25mA
IR
VR
Type Number
Marking
Code
Nom(V)
Min(V)
Max(V)
(mA)
(Ω)
(μA)
(V)
MMBZ5257BW
KM2
33
31.35
34.65
3.8
58
700
0.1
25
MMBZ5258BW
KM3
36
34.20
37.80
3.4
70
700
0.1
27
MMBZ5259BW
KM4
39
37.05
40.95
3.2
80
800
0.1
30
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - MMBZ5228BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5228BW PANJIT-MMBZ5228BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Jiangsu Changjiang Elec...
MMBZ5228BW JIANGSU-MMBZ5228BW Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
MMBZ5228BW DIODES-MMBZ5228BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Micro Commercial Compon...
MMBZ5228BW MCC-MMBZ5228BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
logo
Weitron Technology
MMBZ5228BW WEITRON-MMBZ5228BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results

Similar Description - MMBZ5228BW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com