Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DHVR Datasheet(PDF) 2 Page - Dubilier

Part # DHVR
Description  High Voltage Flame Proof Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DHVR Datasheet(HTML) 2 Page - Dubilier

  DHVR Datasheet HTML 1Page - Dubilier DHVR Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Derating Curve
Resistors
Packing Methods
High Voltage Flame Proof Resistors
Rated Load (%)
70
?
100
80
60
40
20
20
40
60
80 100 120 140 155 180
Ambient Temperature (
? )
STYLE
Unit: mm
Normal
a
A
B1-B2 S(spacing) T (max. deviationof spacing)
DHVR25
52.4 ± 1.0
1.2
DHVR50SS
26.0±1.0
1.0
DHVR50
52.4 ± 1.0
1.2
DHVR100SS
52.4 ± 1.0
1.2
DHVR100
73 ± 1.5
1.5
DHVR200SS
52.4 ± 1.0
1.2
DHVR200
73 ± 1.5
1.5
DHVR300SS
73 ± 1.5
1.5
1mm per 10 spacing
0.5mm per 5 spacing
DIMENSIONS
6 ±0.5
5
6 ±0.5
5
6 ±0.5
5
6 ±0.5
5
STYLE
Qty P e r Box
N orm al
W ( A )
H ( B )
L ( C )
DHV R25
DHV R50SS
DHV R50
DHV R100SS
DHV R100
DHV R200SS
DHV R200
DHV R300SS
Standard Le ad Le ngth
75
55
255
2000
90
74
260
500
75
55
255
2000
103
78
260
1000
www.dubilier.co.uk


Similar Part No. - DHVR

ManufacturerPart #DatasheetDescription
logo
Dubilier
DHVR100F100KT26 DUBILIER-DHVR100F100KT26 Datasheet
404Kb / 2P
   Resistors High Voltage Flame Proof Resistors
DHVR100F100KT52 DUBILIER-DHVR100F100KT52 Datasheet
404Kb / 2P
   Resistors High Voltage Flame Proof Resistors
DHVR100F100KT73 DUBILIER-DHVR100F100KT73 Datasheet
404Kb / 2P
   Resistors High Voltage Flame Proof Resistors
DHVR100J100KT26 DUBILIER-DHVR100J100KT26 Datasheet
404Kb / 2P
   Resistors High Voltage Flame Proof Resistors
DHVR100J100KT52 DUBILIER-DHVR100J100KT52 Datasheet
404Kb / 2P
   Resistors High Voltage Flame Proof Resistors
More results

Similar Description - DHVR

ManufacturerPart #DatasheetDescription
logo
Dubilier
DHVR25J100KT DUBILIER-DHVR25J100KT Datasheet
404Kb / 2P
   Resistors High Voltage Flame Proof Resistors
logo
MERITEK ELECTRONICS COR...
FRN MERITEK-FRN Datasheet
110Kb / 1P
   Flame-Proof Fusible Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
Dubilier
DFR DUBILIER-DFR Datasheet
718Kb / 5P
   Power Flame Proof Resistors
logo
Tyco Electronics
1773271 MACOM-1773271 Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ82R MACOM-ROX3SJ82R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX2SJ1R2 MACOM-ROX2SJ1R2 Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ18K MACOM-ROX3SJ18K Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX2SJ820R MACOM-ROX2SJ820R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX1SJ390R MACOM-ROX1SJ390R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com