Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR100 Datasheet(PDF) 4 Page - Dubilier

Part # DFR100
Description  Power Flame Proof Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DFR100 Datasheet(HTML) 4 Page - Dubilier

  DFR100 Datasheet HTML 1Page - Dubilier DFR100 Datasheet HTML 2Page - Dubilier DFR100 Datasheet HTML 3Page - Dubilier DFR100 Datasheet HTML 4Page - Dubilier DFR100 Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
129
Resistors
Tel: +44 (0) 1724 408710
www.dubilier.co.uk
Tel: +44 (0) 1724 408700
Power Flame Proof Resistors
F TYPE
STYLE
DIMENSIONS
UNIT
:mm
Normal
L
øD
ød
P
h1
H1 max
E max
DFR300
15.5 ± 1.0 5.0 ± 0.5
0.8 ± 0.05
6.0 ± 1
5.0 ± 1
25
3.5
* FMP100 is available
FK TYPE
FFK TYPE
FKK TYPE
STYLE
DIMENSIONS
UNIT
:mm
Normal
L
øD
ød
P
h
H max
E max
DFR300
15.5 ± 1.0 5.0 ± 0.5
0.8 ± 0.05
6.0 ± 1
10.0 ± 1
30
3.5
* DFR300 is available
FT Type Forming for Taping (Rated Watt 100 size only)
128
Tel: +44 (0) 1724 408710
www.dubilier.co.uk
Tel: +44 (0) 1724 408700
www.dubilier.co.uk


Similar Part No. - DFR100

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
DFR10A20 DACHANG-DFR10A20 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A
DFR10A20 DACHANG-DFR10A20 Datasheet
149Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
DFR10A20CT DACHANG-DFR10A20CT Datasheet
137Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 200 to 600 V Forward Current 10 A
DFR10A20CT DACHANG-DFR10A20CT Datasheet
137Kb / 2P
   Plastic Ultra-Fast Recover Rectifier
logo
Thinki Semiconductor Co...
DFR10A20CT THINKISEMI-DFR10A20CT Datasheet
678Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
More results

Similar Description - DFR100

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
FRN MERITEK-FRN Datasheet
110Kb / 1P
   Flame-Proof Fusible Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
Dubilier
DHVR25J100KT DUBILIER-DHVR25J100KT Datasheet
404Kb / 2P
   Resistors High Voltage Flame Proof Resistors
DHVR DUBILIER-DHVR Datasheet
404Kb / 2P
   High Voltage Flame Proof Resistors
logo
Tyco Electronics
1773271 MACOM-1773271 Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ82R MACOM-ROX3SJ82R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX2SJ1R2 MACOM-ROX2SJ1R2 Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ18K MACOM-ROX3SJ18K Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX2SJ820R MACOM-ROX2SJ820R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX1SJ390R MACOM-ROX1SJ390R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com