Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5242BW Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # MMBZ5242BW
Description  200mW Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMBZ5242BW Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  MMBZ5242BW Datasheet HTML 1Page - Diode Semiconductor Korea MMBZ5242BW Datasheet HTML 2Page - Diode Semiconductor Korea MMBZ5242BW Datasheet HTML 3Page - Diode Semiconductor Korea MMBZ5242BW Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
200mW Surface Mount Zener Diode
MMBZ5221BW-5259BW
FEATURES
Planar Die Construction.
200mw Power Dissipation.
General purpose, medium current.
Ideally Suited For Automated Assembly Prcesses.
APPLICATIONS
200Mw Surface mount zener diode
SOT-323
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBZ5221BW-MMBZ5259BW
See Table on page2
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Valtage@IF=10mA
VF
0.9
V
Power Dissipation
Pd
200
mW
Operating and Storage Temperature Range
TjTstg
-65 to+150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - MMBZ5242BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5242BW PANJIT-MMBZ5242BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SHIKUES Electronics
MMBZ5242BW SKTECHNOLGY-MMBZ5242BW Datasheet
853Kb / 3P
   Planar Die Construction
logo
Diodes Incorporated
MMBZ5242BW DIODES-MMBZ5242BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Weitron Technology
MMBZ5242BW WEITRON-MMBZ5242BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5242BW DIODES-MMBZ5242BW Datasheet
458Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 10 - 2
More results

Similar Description - MMBZ5242BW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com