Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5260BS Datasheet(PDF) 3 Page - Diode Semiconductor Korea

Part # MMSZ5260BS
Description  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMSZ5260BS Datasheet(HTML) 3 Page - Diode Semiconductor Korea

  MMSZ5260BS Datasheet HTML 1Page - Diode Semiconductor Korea MMSZ5260BS Datasheet HTML 2Page - Diode Semiconductor Korea MMSZ5260BS Datasheet HTML 3Page - Diode Semiconductor Korea MMSZ5260BS Datasheet HTML 4Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface mount zener diode
MMSZ5221BS-MMSZ5260BS
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
PACKAGE OUTLINE
Plastic surface mounted package
SOD-323
SOD-323
Dim
Min
Max
A
1.275
1.325
B
1.675
1.725
C
0.9 Typical
D
0.25
0.35
E
0.27
0.37
H
0.02
0.1
J
0.1 Typical
K
2.6
2.7
All Dimensions in mm
E
K
H
D
C
B
A
J
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - MMSZ5260BS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MMSZ5260BS WTE-MMSZ5260BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
MMSZ5260BS PANJIT-MMSZ5260BS Datasheet
79Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Guangdong Kexin Industr...
MMSZ5260BS KEXIN-MMSZ5260BS Datasheet
46Kb / 2P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
MMSZ5260BS PANJIT-MMSZ5260BS Datasheet
77Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Yea Shin Technology Co....
MMSZ5260BS YEASHIN-MMSZ5260BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
More results

Similar Description - MMSZ5260BS

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com