Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1914 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPA1914
Description  Old Company Name in Catalogs and Other Documents
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA1914 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPA1914 Datasheet HTML 2Page - Renesas Technology Corp UPA1914 Datasheet HTML 3Page - Renesas Technology Corp UPA1914 Datasheet HTML 4Page - Renesas Technology Corp UPA1914 Datasheet HTML 5Page - Renesas Technology Corp UPA1914 Datasheet HTML 6Page - Renesas Technology Corp UPA1914 Datasheet HTML 7Page - Renesas Technology Corp UPA1914 Datasheet HTML 8Page - Renesas Technology Corp UPA1914 Datasheet HTML 9Page - Renesas Technology Corp UPA1914 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet D13810EJ2V0DS
4
µPA1914
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
−1
−0.1
−0.01
−10
−100
ID - Drain Current - A
40
TA = 125˚C
TA = 75˚C
TA =
25˚C
TA = 25˚C
60
100
80
120
VGS =
−4.0 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
−1
−0.1
−0.01
−10
−100
ID - Drain Current - A
40
TA = 125˚C
TA = 75˚C
TA =
25˚C
TA = 25˚C
60
80
100
VGS =
−4.5 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
−1
−0.1
−0.01
−10
−100
ID - Drain Current - A
30
TA = 125˚C
TA = 75˚C
TA =
25˚C
TA = 25˚C
40
60
50
70
VGS =
−10 V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature -˚C
ID =
−2.5 A
−50
0
50
100
150
20
60
40
100
80
VGS =
−10 V
VGS =
−4.0 V
VGS =
−4.5 V
0
20
60
40
80
100
−4
−8
−16
−20
−12
VGS - Gate to Source Voltage - V
ID =
−2.5 A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
−0.1
100
1000
10000
−1
−10
−100
f = 1 MHz
VGS = 0V
Ciss
Crss
Coss


Similar Part No. - UPA1914

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1914 NEC-UPA1914 Datasheet
67Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1914TE NEC-UPA1914TE Datasheet
67Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
VBsemi Electronics Co.,...
UPA1914TE VBSEMI-UPA1914TE Datasheet
457Kb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - UPA1914

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com